| Electronic Components Datasheet Search |
|
PIC18F23K22-E/SP Datasheet(PDF) 317 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/SP Datasheet(HTML) 317 Page - Microchip Technology |
|
317 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 317 PIC18(L)F2X/4XK22 19.0 CHARGE TIME MEASUREMENT UNIT (CTMU) The Charge Time Measurement Unit (CTMU) is a flexible analog module that provides accurate differential time measurement between pulse sources, as well as asynchronous pulse generation. By working with other on-chip analog modules, the CTMU can be used to precisely measure time, measure capacitance, measure relative changes in capacitance or generate output pulses with a specific time delay. The CTMU is ideal for interfacing with capacitive-based sensors. The module includes the following key features: • Up to 28(1) channels available for capacitive or time measurement input • On-chip precision current source • Four-edge input trigger sources • Polarity control for each edge source • Control of edge sequence • Control of response to edges • Time measurement resolution of 1 nanosecond • High precision time measurement • Time delay of external or internal signal asynchronous to system clock • Accurate current source suitable for capacitive measurement The CTMU works in conjunction with the A/D Converter to provide up to 28(1) channels for time or charge measurement, depending on the specific device and the number of A/D channels available. When config- ured for time delay, the CTMU is connected to the C12IN1- input of Comparator 2. The level-sensitive input edge sources can be selected from four sources: two external input pins (CTED1/CTED2) or the ECCP1/ (E)CCP2 Special Event Triggers. Figure 19-1 provides a block diagram of the CTMU. FIGURE 19-1: CTMU BLOCK DIAGRAM Note 1: PIC18(L)F2XK22 devices have up to 17 channels available. CTED1 CTED2 Current Source Edge Control Logic CTMUCONH/CTMUCONL Pulse Generator A/D Converter Comparator 2 Input ECCP2 ECCP1 Current Control ITRIM<5:0> IRNG<1:0> CTMUICON CTMU Control Logic EDGEN EDGSEQEN EDG1SELx EDG1POL EDG2SELx EDG2POL EDG1STAT EDG2STAT TGEN IDISSEN CTPLS Comparator 2 Output CTTRIG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |