| Electronic Components Datasheet Search |
|
PIC18F23K22-I/SS Datasheet(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/SS Datasheet(HTML) 144 Page - Microchip Technology |
|
144 / 492 page ![]() PIC18(L)F2X/4XK22 DS41412B-page 144 Preliminary 2010 Microchip Technology Inc. Pin Name Function TRIS Setting ANSEL setting Pin Type Buffer Type Description RC5/SDO1/AN17 RC5 01 O DIG LATC<5> data output; not affected by analog input. 10 I ST PORTC<5> data input; disabled when analog input enabled. SDO1 01 O DIG MSSP1 SPI data output. AN17 I AN Analog input 17. RC6/P3A/CCP3/TX1/ CK1/AN18 RC6 01 O DIG LATC<6> data output; not affected by analog input. 10 I ST PORTC<6> data input; disabled when analog input enabled. P3A(2), (3) 01 O CMOS Enhanced CCP3 PWM output 1. CCP3(2), (3) 01 O DIG Compare 3 output/PWM 3 output. 10 I ST Capture 3 input. TX1 01 O DIG EUSART 1 asynchronous transmit data output. CK1 01 O DIG EUSART 1 synchronous serial clock output. 10 I ST EUSART 1 synchronous serial clock input. AN18 11 I AN Analog input 18. RC7/P3B/RX1/DT1/ AN19 RC7 01 O DIG LATC<7> data output; not affected by analog input. 10 I ST PORTC<7> data input; disabled when analog input enabled. P3B 01 O CMOS Enhanced CCP3 PWM output 2. RX1 10 I ST EUSART 1 asynchronous receive data in. DT1 01 O DIG EUSART 1 synchronous serial data output. 10 I ST EUSART 1 synchronous serial data input. AN19 11 I AN Analog input 19. Legend: AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C. Note 1: Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. 2: Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are clear. 3: Function on PORTD and PORTE for PIC18(L)F4XK22 devices. TABLE 10-8: PORTC I/O SUMMARY (CONTINUED) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |