Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/SP Datasheet(PDF) 275 Page - Microchip Technology

Part # PIC16F883-E/SP
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SP Datasheet(HTML) 275 Page - Microchip Technology

Back Button PIC16F883-E/SP Datasheet HTML 271Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 272Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 273Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 274Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 275Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 276Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 277Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 278Page - Microchip Technology PIC16F883-E/SP Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 273
PIC16F882/883/884/886/887
18.0
DC AND AC CHARACTERISTICS GRAPHS AND TABLES
The graphs and tables provided in this section are for design guidance and are not tested.
In some graphs or tables, the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are ensured to operate properly only within the specified range.
“Typical” represents the mean of the distribution at 25
°C. “Maximum” or “minimum” represents
(mean + 3
σ) or (mean - 3σ) respectively, where σ is a standard deviation, over each temperature range.
FIGURE 18-1:
TYPICAL IDD vs. FOSC OVER VDD (EC MODE)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
Typical
2V
3V
4V
5V
5.5V
1Mhz
0.086
0.153
0.220
0.277
0.310
2Mhz
0.150
0.2596
0.3718
0.4681
0.5236
4Mhz
0.279
0.472
0.675
0.850
0.951
6Mhz
0.382
0.635
0.903
1.135
1.269
8Mhz
0.486
0.798
1.132
1.420
1.587
10Mhz
0.589
0.961
1.360
1.706
1.905
12Mhz
0.696
1.126
1.596
2.005
2.241
14Mhz
0.802
1.291
1.832
2.304
2.577
16Mhz
0.908
1.457
2.068
2.603
2.913
18Mhz
1.017
1.602
2.268
2.848
3.185
20Mhz
1.126
1.748
2.469
3.093
3.458
Max
2V
3V
4V
5V
5.5V
1Mhz
0.168
0.236
0.315
0.412
0.452
2Mhz
0.261
0.394
0.537
0.704
0.780
4Mhz
0.449
0.710
0.981
1.287
1.435
6Mhz
0.577
0.972
1.331
1.739
1.950
8Mhz
0.705
1.233
1.682
2.191
2.465
10Mhz
0.833
1.495
2.032
2.642
2.979
12Mhz
0.956
1.711
2.372
3.101
3.506
14Mhz
1.078
1.926
2.713
3.560
4.032
16Mhz
1.201
2.142
3.054
4.018
4.558
18Mhz
1.305
2.326
3.295
4.324
4.887
20Mhz
1.409
2.510
3.536
4.630
EC Mode
3V
4V
5V
5.5V
2V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1 MHz
2 MHz
4 MHz
6 MHz
8 MHz
10 MHz
12 MHz
14 MHz
16 MHz
18 MHz
20 MHz
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com