Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2610-E/ML Datasheet(PDF) 220 Page - Microchip Technology

Part # PIC18F2610-E/ML
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2610-E/ML Datasheet(HTML) 220 Page - Microchip Technology

Back Button PIC18F2610-E/ML Datasheet HTML 216Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 217Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 218Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 219Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 220Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 221Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 222Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 223Page - Microchip Technology PIC18F2610-E/ML Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 376 page
background image
PIC18F2X1X/4X1X
DS39636D-page 222
© 2009 Microchip Technology Inc.
18.8
Use of the CCP2 Trigger
An A/D conversion can be started by the special event
trigger of the CCP2 module. This requires that the
CCP2M3:CCP2M0 bits (CCP2CON<3:0>) be pro-
grammed as ‘1011’ and that the A/D module is enabled
(ADON bit is set). When the trigger occurs, the GO/
DONE bit will be set, starting the A/D acquisition and
conversion and the Timer1 (or Timer3) counter will be
reset to zero. Timer1 (or Timer3) is reset to automati-
cally repeat the A/D acquisition period with minimal
software overhead (moving ADRESH:ADRESL to the
desired location). The appropriate analog input
channel must be selected and the minimum acquisition
period is either timed by the user, or an appropriate
TACQ time selected before the special event trigger sets
the GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), the
special event trigger will be ignored by the A/D module
but will still reset the Timer1 (or Timer3) counter.
TABLE 18-2:
REGISTERS ASSOCIATED WITH A/D OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
51
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
54
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
54
IPR1
PSPIP(1)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
54
PIR2
OSCFIF
CMIF
—
—
BCLIF
HLVDIF
TMR3IF
CCP2IF
54
PIE2
OSCFIE
CMIE
—
—
BCLIE
HLVDIE
TMR3IE
CCP2IE
54
IPR2
OSCFIP
CMIP
—
—
BCLIP
HLVDIP
TMR3IP
CCP2IP
54
ADRESH
A/D Result Register, High Byte
53
ADRESL
A/D Result Register, Low Byte
53
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
53
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
53
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
53
PORTA
RA7(1)
RA6(1)
RA5
RA4
RA3
RA2
RA1
RA0
54
TRISA
TRISA7(2) TRISA6(2) PORTA Data Direction Control Register
54
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
54
TRISB
PORTB Data Direction Control Register
54
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
54
PORTE(4)
—
—
—
—RE3(3)
RE2
RE1
RE0
54
TRISE(4)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
54
LATE(4)
—
—
—
—
—
PORTE Data Latch Register
54
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note 1: These bits are unimplemented on 28-pin devices; always maintain these bits clear.
2: PORTA<7:6> and their direction bits are individually configured as port pins based on various primary
oscillator modes. When disabled, these bits read as ‘0’.
3: RE3 port bit is available only as an input pin when the MCLRE Configuration bit is ‘0’.
4: These registers are not implemented on 28-pin devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com