Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/SP Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F1933-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SP Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F1933-E/SP Datasheet HTML 103Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 104Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 105Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 106Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 107Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 108Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 109Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 110Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 107
PIC16F193X/LF193X
8.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F193X has an internal Low Dropout
Regulator (LDO) which provides operation above 3.6V.
The LDO regulates a voltage for the internal device
logic while permitting the VDD and I/O pins to operate
at a higher voltage. There is no user enable/disable
control available for the LDO, it is always active. The
PIC16LF193X operates at a maximum VDD of 3.6V and
does not incorporate an LDO.
A device I/O pin may be configured as the LDO voltage
output, identified as the VCAP pin. Although not
required, an external low-ESR capacitor may be con-
nected to the VCAP pin for additional regulator stability.
The VCAPEN<1:0> bits of Configuration Word 2 deter-
mines which pin is assigned as the VCAP pin. Refer to
Table 8-1.
On power-up, the external capacitor will load the LDO
voltage regulator. To prevent erroneous operation, the
device is held in Reset while a constant current source
charges the external capacitor. After the cap is fully
charged, the device is released from Reset. For more
information on recommended capacitor values and the
constant current rate, refer to the LDO Regulator
Characteristics Table in Section 29.0 “Electrical
Specifications”
.
TABLE 8-2:
SUMMARY OF CONFIGURATION WORD WITH LDO
TABLE 8-1:
VCAPEN<1:0> SELECT BITS
VCAPEN<1:0>
Pin
00
RA0
01
RA5
10
RA6
11
No Vcap
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG2
13:8
—
—
LVP
DEBUG
—
BORV
STVREN
PLLEN
66
7:0
—
—
VCAPEN1(1) VCAPEN0(1)
—
—
WRT1
WRT0
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by LDO.
Note
1:
PIC16F193X only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com