Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/SP Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F1933-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SP Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F1933-E/SP Datasheet HTML 127Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 128Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 129Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 130Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 131Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 132Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 133Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 134Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 508 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS41364D-page 131
PIC16F193X/LF193X
12.2
PORTA Registers
PORTA is a 8-bit wide, bidirectional port. The
corresponding data direction register is TRISA
(Register 12-3). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., disable the
output driver). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., enables
output driver and puts the contents of the output latch
on the selected pin). Example 12-1 shows how to
initialize PORTA.
Reading the PORTA register (Register 12-2) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then
written to the PORT data latch (LATA).
The TRISA register (Register 12-3) controls the
PORTA pin output drivers, even when they are being
used as analog inputs. The user should ensure the bits
in the TRISA register are maintained set when using
them as analog inputs. I/O pins configured as analog
input always read ‘0’.
12.2.1
ANSELA REGISTER
The ANSELA register (Register 12-5) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELA bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELA bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
EXAMPLE 12-1:
INITIALIZING PORTA
12.2.2
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input functions, such as ADC, comparator and
CapSense inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
RA0
1.
VCAP (enabled by Configuration Word)
2.
SEG12 (LCD)
3.
SRNQ (SR Latch)
4.
C2OUT (Comparator)
5.
RA0
RA1
1.
SEG7 (LCD)
2.
RA1
RA2
1.
COM2 (LCD)
2.
DACOUT (DAC)
3.
RA2
RA3
1.
COM3 (LCD), 28-pin only
2.
SEG15 (LCD)
3.
RA3
RA4
1.
SEG4 (LCD)
2.
SRQ (SR Latch)
3.
C1OUT (Comparator)
4.
CCP5 (CCP), 28-pin only
5.
RA4
RA5
1.
VCAP (enabled by Configuration Word)
2.
SEG5 (LCD)
3.
SRNQ (SR Latch)
4.
C2OUT (Comparator)
5.
RA5
RA6
1.
VCAP (enabled by Configuration Word)
2.
OSC2 (enabled by Configuration Word)
3.
CLKOUT (enabled by Configuration Word)
4.
SEG1 (LCD)
5.
RA6
RA7
1.
OSC1/CLKIN (enabled by Configuration Word)
2.
SEG2 (LCD)
3.
RA7
Note:
The ANSELA register must be initialized to
configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL
PORTA
;
CLRF
PORTA
;Init PORTA
BANKSEL
LATA
;Data Latch
CLRF
LATA
;
BANKSEL
ANSELA
;
CLRF
ANSELA
;digital I/O
BANKSEL
TRISA
;
MOVLW
B'11110000' ;Set RA<7:4> as inputs
MOVWF
TRISA
;and set RA<3:0> as
;outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com