Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/SP Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC16F1933-E/SP
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/SP Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC16F1933-E/SP Datasheet HTML 182Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 183Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 184Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 185Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 186Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 187Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 188Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 189Page - Microchip Technology PIC16F1933-E/SP Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 186
Preliminary
 2009 Microchip Technology Inc.
REGISTER 18-2:
SRCON1: SR LATCH CONTROL 1 REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
SRSPE
SRSCKE
SRSC2E
SRSC1E
SRRPE
SRRCKE
SRRC2E
SRRC1E
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
SRSPE:
SR Latch Peripheral Set Enable bit
1
= SR Latch is set when the SRI pin is high.
0
= SRI pin has no effect on the set input of the SR Latch
bit 6
SRSCKE:
SR Latch Set Clock Enable bit
1
= Set input of SR Latch is pulsed with SRCLK
0
= SRCLK has no effect on the set input of the SR Latch
bit 5
SRSC2E:
SR Latch C2 Set Enable bit
1
= SR Latch is set when the C2 Comparator output is high
0
= C2 Comparator output has no effect on the set input of the SR Latch
bit 4
SRSC1E:
SR Latch C1 Set Enable bit
1
= SR Latch is set when the C1 Comparator output is high
0
= C1 Comparator output has no effect on the set input of the SR Latch
bit 3
SRRPE:
SR Latch Peripheral Reset Enable bit
1
= SR Latch is reset when the SRI pin is high.
0
= SRI pin has no effect on the reset input of the SR Latch
bit 2
SRRCKE:
SR Latch Reset Clock Enable bit
1
= Reset input of SR Latch is pulsed with SRCLK
0
= SRCLK has no effect on the reset input of the SR Latch
bit 1
SRRC2E:
SR Latch C2 Reset Enable bit
1
= SR Latch is reset when the C2 Comparator output is high
0
= C2 Comparator output has no effect on the reset input of the SR Latch
bit 0
SRRC1E:
SR Latch C1 Reset Enable bit
1
= SR Latch is reset when the C1 Comparator output is high
0
= C1 Comparator output has no effect on the reset input of the SR Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com