Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F324J2T3 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 114Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 115Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 116Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 117Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 118Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 119Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 120Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 121Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 164 page
background image
ST72324Jx ST72324Kx
118/164
12.2.3 Thermal Characteristics
12.3 OPERATING CONDITIONS
12.3.1 Operating Conditions
Figure 60. fCPU Max Versus VDD
Note: Some temperature ranges are only available with a specific package and memory size. Refer to Or-
dering Information.
Warning: Do not connect 12V to VPP before VDD is powered on, as this may damage the device.
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section 13.2 THERMAL CHARACTERISTICS)
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal clock frequency
0
8
MHz
VDD
Operating voltage (except Flash Write/
Erase)
3.8
5.5
V
Operating Voltage for Flash Write/Erase
VPP = 11.4 to 12.6V
4.5
5.5
TA
Ambient temperature range
1 Suffix Version
0
70
°C
5 Suffix Version
-10
85
6 Suffix Versions
-40
85
7 Suffix Versions
-40
105
3 Suffix Version
-40
125
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
1
0
3.5
4.0
4.5
5.5
FUNCTIONALITY
FUNCTIONALITY
GUARANTEED
IN THIS AREA
NOT GUARANTEED
IN THIS AREA
3.8
6
(UNLESS
OTHERWISE
SPECIFIED
IN THE TABLES
OF PARAMETRIC
DATA)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com