Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 227 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 227 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 223Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 224Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 225Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 226Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 227Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 228Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 229Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 230Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 231Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
227
Operation
RS1[(o+w):o]
⇒ RD[w:0]; 0 ⇒ RD[15:(w+1)]
w = (RS2[7:4])
o = (RS2[3:0])
Extracts w+1 bits from register RS1 starting at position o and writes them right aligned into register RD.
The remaining bits in RD will be cleared. If (o+w) > 15 only bits [15:o] get extracted.
CCR Effects
Code and CPU Cycles
BFEXT
Bit Field Extract
BFEXT
NZ
V
C
0
∆
0
∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
BFEXT RD, RS1, RS2
TRI
0
1
1
0
0
RD
RS1
RS2
1
1
P
W4
O4
15
0
2
5
W4=3, O4=2
15
0
3
Bit Field Extract
RS2
RS1
RD
0
15
0
3
74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com