Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 261 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 261 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 257Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 258Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 259Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 260Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 261Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 262Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 263Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 264Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 265Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
261
Operation
M[RB, #OFFS5
] ⇒ RD
M[RB, RI
] ⇒ RD
M[RB, RI]
⇒ RD; RI+2 ⇒ RI1
RI-2
⇒ RI; M[RS, RI] ⇒ RD
IMM16
⇒ RD (translates to LDL RD, #IMM16[7:0]; LDH RD, #IMM16[15:8])
Loads a 16 bit value into the register RD.
CCR Effects
Code and CPU Cycles
LDW
Load Word from Memory
LDW
1. If the same general purpose register is used as index (RI) and destination register (RD), the content of the register will not be
incremented after the data move: M[RB, RI]
⇒ RD
NZ
V
C
————
N:
Not affected.
Z:
Not affected.
V:
Not affected.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
LDW RD, (RB, #OFFS5)
IDO5
0
1
0
0
1
RD
RB
OFFS5
PR
LDW RD, (RB, RI)
IDR
0
1
1
0
1
RD
RB
RI
0
0
PR
LDW RD, (RB, RI+)
IDR+
0
1
1
0
1
RD
RB
RI
0
1
PR
LDW RD, (RB, -RI)
-IDR
0
1
1
0
1
RD
RB
RI
1
0
PR
LDW RD, #IMM16
IMM8
1
1
1
1
0
RD
IMM16[7:0]
P
IMM8
1
1
1
1
1
RD
IMM16[15:8]
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com