Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 276 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 276 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 272Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 273Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 274Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 275Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 276Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 277Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 278Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 279Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 280Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
276
Freescale Semiconductor
Operation
Sets the Interrupt Flag of an XGATE Channel. This instruction supports two source forms. If inherent
address mode is used, then the interrupt flag of the current channel (XGCHID) will be set. If the monadic
address form is used, the interrupt flag associated with the channel id number contained in RS[6:0] is set.
The content of RS[15:7] is ignored.
CCR Effects
Code and CPU Cycles
SIF
Set Interrupt Flag
SIF
NZ
V
C
————
N:
Not affected.
Z:
Not affected.
V:
Not affected.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
SIF
INH
0000001100000000
PA
SIF RS
MON
0
0
0
0
0
RS
1
1
1
1
0
1
1
1
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com