Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 326 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 326 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 322Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 323Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 324Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 325Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 326Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 327Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 328Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 329Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 330Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 1348 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
326
Freescale Semiconductor
7.3.2.10
Timer Interrupt Enable Register (TIE)
Read or write: Anytime
All bits reset to zero.
The bits C7I–C0I correspond bit-for-bit with the flags in the TFLG1 status register.
76543210
R
C7I
C6I
C5I
C4I
C3I
C2I
C1I
C0I
W
Reset
00000000
Figure 7-15. Timer Interrupt Enable Register (TIE)
Table 7-13. TIE Field Descriptions
Field
Description
7:0
C[7:0]I
Input Capture/Output Compare “x” Interrupt Enable
0 The corresponding flag is disabled from causing a hardware interrupt.
1 The corresponding flag is enabled to cause an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com