Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 399 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 399 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 395Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 396Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 397Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 398Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 399Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 400Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 401Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 402Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 403Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1348 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
399
9.3.2.2
IIC Frequency Divider Register (IBFD)
Read and write anytime
76543210
R
IBC7
IBC6
IBC5
IBC4
IBC3
IBC2
IBC1
IBC0
W
Reset
00000000
= Unimplemented or Reserved
Figure 9-4. IIC Bus Frequency Divider Register (IBFD)
Table 9-2. IBFD Field Descriptions
Field
Description
7:0
IBC[7:0]
I Bus Clock Rate 7:0 — This field is used to prescale the clock for bit rate selection. The bit clock generator is
implemented as a prescale divider — IBC7:6, prescaled shift register — IBC5:3 select the prescaler divider and
IBC2-0 select the shift register tap point. The IBC bits are decoded to give the tap and prescale values as shown
in Table 9-3.
Table 9-3. I-Bus Tap and Prescale Values
IBC2-0
(bin)
SCL Tap
(clocks)
SDA Tap
(clocks)
000
5
1
001
6
1
010
7
2
011
8
2
100
9
3
101
10
3
110
12
4
111
15
4
IBC5-3
(bin)
scl2start
(clocks)
scl2stop
(clocks)
scl2tap
(clocks)
tap2tap
(clocks)
000
2741
001
2742
010
2964
011
6968
100
14
17
14
16
101
30
33
30
32
110
62
65
62
64
111
126
129
126
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com