Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 493 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 493 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 489Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 490Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 491Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 492Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 493Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 494Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 495Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 496Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 497Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
493
11.4
Functional Description
This section provides a complete functional description of the SCI block, detailing the operation of the
design from the end user perspective in a number of subsections.
Figure 11-14 shows the structure of the SCI module. The SCI allows full duplex, asynchronous, serial
communication between the CPU and remote devices, including other CPUs. The SCI transmitter and
receiver operate independently, although they use the same baud rate generator. The CPU monitors the
status of the SCI, writes the data to be transmitted, and processes received data.
Figure 11-14. Detailed SCI Block Diagram
SCI Data
Receive
Shift Register
SCI Data
Register
Transmit
Shift Register
Register
Baud Rate
Generator
SBR12:SBR0
Bus
Transmit
Control
÷16
Receive
and Wakeup
Data Format
Control
Control
T8
PF
FE
NF
RDRF
IDLE
TIE
OR
TCIE
TDRE
TC
R8
RAF
LOOPS
RWU
RE
PE
ILT
PT
WAKE
M
Clock
ILIE
RIE
RXD
RSRC
SBK
LOOPS
TE
RSRC
IREN
Ir_RXD
TXD
Ir_TXD
R16XCLK
R32XCLK
TNP[1:0]
IREN
Transmit
Encoder
Receive
Decoder
SCRXD
SCTXD
Infrared
Infrared
TC
TDRE
IDLE
Active Edge
Detect
Break Detect
RXD
BKDFE
BERRM[1:0]
BKDIE
BKDIF
RXEDGIE
RXEDGIF
BERRIE
BERRIF
SCI
Interrupt
Request
LIN Transmit
Collision
Detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com