Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 572 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 572 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 568Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 569Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 570Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 571Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 572Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 573Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 574Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 575Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 576Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 572 / 1348 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
572
Freescale Semiconductor
15.2
External Signal Description
A single-wire interface pin called the background debug interface (BKGD) pin is used to communicate
with the BDM system. During reset, this pin is a mode select input which selects between normal and
special modes of operation. After reset, this pin becomes the dedicated serial interface pin for the
background debug mode.
15.3
Memory Map and Register Definition
15.3.1
Module Memory Map
Table 15-1 shows the BDM memory map when BDM is active.
Table 15-1. BDM Memory Map
Global Address
Module
Size
(Bytes)
0x7FFF00–0x7FFF0B
BDM registers
12
0x7FFF0C–0x7FFF0E
BDM firmware ROM
3
0x7FFF0F
Family ID (part of BDM firmware ROM)
1
0x7FFF10–0x7FFFFF
BDM firmware ROM
240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com