Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 604 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 604 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 600Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 601Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 602Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 603Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 604Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 605Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 606Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 607Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 608Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 1348 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
604
Freescale Semiconductor
16.3.1.4
Interrupt Request Configuration Data Registers (INT_CFDATA0–7)
The eight register window visible at addresses INT_CFDATA0–7 contains the configuration data for the
block of eight interrupt requests (out of 128) selected by the interrupt configuration address register
(INT_CFADDR) in ascending order. INT_CFDATA0 represents the interrupt configuration data register
of the vector with the lowest address in this block, while INT_CFDATA7 represents the interrupt
configuration data register of the vector with the highest address, respectively.
Address: 0x0128
76543210
R
RQST
0000
PRIOLVL[2:0]
W
Reset
0000000
11
1 Please refer to the notes following the PRIOLVL[2:0] description below.
= Unimplemented or Reserved
Figure 16-6. Interrupt Request Configuration Data Register 0 (INT_CFDATA0)
Address: 0x0129
76543210
R
RQST
0000
PRIOLVL[2:0]
W
Reset
0000000
11
1 Please refer to the notes following the PRIOLVL[2:0] description below.
= Unimplemented or Reserved
Figure 16-7. Interrupt Request Configuration Data Register 1 (INT_CFDATA1)
Address: 0x012A
76543210
R
RQST
0000
PRIOLVL[2:0]
W
Reset
0000000
11
1 Please refer to the notes following the PRIOLVL[2:0] description below.
= Unimplemented or Reserved
Figure 16-8. Interrupt Request Configuration Data Register 2 (INT_CFDATA2)
Address: 0x012B
76543210
R
RQST
0000
PRIOLVL[2:0]
W
Reset
0000000
11
1 Please refer to the notes following the PRIOLVL[2:0] description below.
= Unimplemented or Reserved
Figure 16-9. Interrupt Request Configuration Data Register 3 (INT_CFDATA3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com