Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 798 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 798 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 794Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 795Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 796Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 797Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 798Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 799Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 800Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 801Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 802Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 798 / 1348 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
800
Freescale Semiconductor
21.4.5.2
Emulation Modes and Special Test Mode
In emulation modes and special test mode, the external signals LSTRB, R/W, and ADDR0 indicate the
access type (read/write), data size and alignment of an external bus access. Misaligned accesses to the
internal RAM and misaligned XGATE PRR accesses in emulation modes are the only type of access that
are able to produce LSTRB = ADDR0 = 1. This is summarized in Table 21-18.
Table 21-17. Access in Normal Expanded Mode
Access
RE WE UDS LDS
DATA[15:8]
DATA[7:0]
I/O data(addr) I/O data(addr)
Word write of data on DATA[15:0] at an even and even+1 address
1
0
0
0
Out data(even) Out
data(odd)
Byte write of data on DATA[7:0] at an odd address
1
0
1
0
In
x
Out
data(odd)
Byte write of data on DATA[15:8] at an even address
1
0
0
1
Out data(even)
In
x
Word read of data on DATA[15:0] at an even and even+1 address
0
1
0
0
In
data(even)
In
data(odd)
Byte read of data on DATA[7:0] at an odd address
0
1
1
0
In
x
In
data(odd)
Byte read of data on DATA[15:8] at an even address
0
1
0
1
In
data(even)
In
x
Indicates No Access
1
1
1
1
In
x
In
x
Unimplemented
1
1
1
0
In
x
In
x
11
0
1
In
x
In
x
Table 21-18. Access in Emulation Modes and Special Test Mode
Access
R/W LSTRB ADDR0
DATA[15:8]
DATA[7:0]
I/O
data(addr)
I/O
data(addr)
Word write of data on DATA[15:0] at an even and even+1
address
0
0
0
Out
data(even)
Out
data(odd)
Byte write of data on DATA[7:0] at an odd address
0
0
1
In
x
Out
data(odd)
Byte write of data on DATA[15:8] at an even address
0
1
0
Out
data(odd)
In
x
Word write at an odd and odd+1 internal RAM address
(misaligned — only in emulation modes)
0
1
1
Out data(odd+1) Out
data(odd)
Word read of data on DATA[15:0] at an even and even+1
address
1
0
0
In
data(even)
In
data(even+1)
Byte read of data on DATA[7:0] at an odd address
1
0
1
In
x
In
data(odd)
Byte read of data on DATA[15:8] at an even address
1
1
0
In
data(even)
In
x
Word read at an odd and odd+1 internal RAM address
(misaligned - only in emulation modes)
1
1
1
In
data(odd+1)
In
data(odd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com