Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 116Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 117Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 118Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 119Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 120Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 121Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 122Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 123Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 1348 page
background image
Chapter 3 Pierce Oscillator (S12XOSCLCPV1)
MC9S12XDP512 Data Sheet, Rev. 2.21
120
Freescale Semiconductor
3.1.3
Block Diagram
Figure 3-1 shows a block diagram of the XOSC.
Figure 3-1. XOSC Block Diagram
3.2
External Signal Description
This section lists and describes the signals that connect off chip
3.2.1
VDDPLL and VSSPLL — Operating and Ground Voltage Pins
Theses pins provides operating voltage (VDDPLL) and ground (VSSPLL) for the XOSC circuitry. This
allows the supply voltage to the XOSC to be independently bypassed.
3.2.2
EXTAL and XTAL — Input and Output Pins
These pins provide the interface for either a crystal or a CMOS compatible clock to control the internal
clock generator circuitry. EXTAL is the external clock input or the input to the crystal oscillator amplifier.
XTAL is the output of the crystal oscillator amplifier. The MCU internal system clock is derived from the
EXTAL
XTAL
Gain Control
VDDPLL = 2.5 V
Rf
OSCCLK
Monitor_Failure
Clock
Monitor
Peak
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com