Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 500 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 500 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 497Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 498Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 499Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 500Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 501Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 502Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 503Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 504Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
500
Freescale Semiconductor
Figure 11-17 shows two cases of break detect. In trace RXD_1 the break symbol starts with the start bit,
while in RXD_2 the break starts in the middle of a transmission. If BRKDFE = 1, in RXD_1 case there
will be no byte transferred to the receive buffer and the RDRF flag will not be modified. Also no framing
error or parity error will be flagged from this transfer. In RXD_2 case, however the break signal starts later
during the transmission. At the expected stop bit position the byte received so far will be transferred to the
receive buffer, the receive data register full flag will be set, a framing error and if enabled and appropriate
a parity error will be set. Once the break is detected the BRKDIF flag will be set.
Figure 11-17. Break Detection if BRKDFE = 1 (M = 0)
11.4.5.4
Idle Characters
An idle character (or preamble) contains all logic 1s and has no start, stop, or parity bit. Idle character
length depends on the M bit in SCI control register 1 (SCICR1). The preamble is a synchronizing idle
character that begins the first transmission initiated after writing the TE bit from 0 to 1.
If the TE bit is cleared during a transmission, the TXD pin becomes idle after completion of the
transmission in progress. Clearing and then setting the TE bit during a transmission queues an idle
character to be sent after the frame currently being transmitted.
NOTE
When queueing an idle character, return the TE bit to logic 1 before the stop
bit of the current frame shifts out through the TXD pin. Setting TE after the
stop bit appears on TXD causes data previously written to the SCI data
register to be lost. Toggle the TE bit for a queued idle character while the
TDRE flag is set and immediately before writing the next byte to the SCI
data register.
If the TE bit is clear and the transmission is complete, the SCI is not the
master of the TXD pin
Start Bit Position
Stop Bit Position
BRKDIF = 1
FE = 1
BRKDIF = 1
RXD_1
RXD_2
1
2
3
4
567
8
9
10
1
2
3
4
567
8
9
10
Zero Bit Counter
Zero Bit Counter
. . .
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com