Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CALR Datasheet(PDF) 1326 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CALR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR Datasheet(HTML) 1326 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 1322Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1323Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1324Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1325Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1326Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1327Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1328Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1329Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 1330Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1326 / 1348 page
background image
Appendix G Detailed Register Map
MC9S12XDP512 Data Sheet, Rev. 2.21
1328
Freescale Semiconductor
0x013D
SCI5SR2
R
AMAP
00
TXPOL
RXPOL
BRK13
TXDIR
RAF
W
0x013E
SCI5DRH
RR8
T8
000000
W
0x013F
SCI5DRL
R
R7R6R5R4R3R2R1R0
W
T7T6T5T4T3T2T1T0
1 Those registers are accessible if the AMAP bit in the SCI5SR2 register is set to zero
2 Those registers are accessible if the AMAP bit in the SCI5SR2 register is set to one
0x0140–0x017F Freescale Scalable CAN — MSCAN (CAN0) Map
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0140
CAN0CTL0
R
RXFRM
RXACT
CSWAI
SYNCH
TIME
WUPE
SLPRQ
INITRQ
W
0x0141
CAN0CTL1
R
CANE
CLKSRC
LOOPB
LISTEN
BORM
WUPM
SLPAK
INITAK
W
0x0142
CAN0BTR0
R
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
W
0x0143
CAN0BTR1
R
SAMP
TSEG22
TSEG21
TSEG20
TSEG13
TSEG12
TSEG11
TSEG10
W
0x0144
CAN0RFLG
R
WUPIF
CSCIF
RSTAT1
RSTAT0
TSTAT1
TSTAT0
OVRIF
RXF
W
0x0145
CAN0RIER
R
WUPIE
CSCIE
RSTATE1
RSTATE0
TSTATE1
TSTATE0
OVRIE
RXFIE
W
0x0146
CAN0TFLG
R
0
0000
TXE2
TXE1
TXE0
W
0x0147
CAN0TIER
R
0
0000
TXEIE2
TXEIE1
TXEIE0
W
0x0148
CAN0TARQ
R
0
0000
ABTRQ2
ABTRQ1
ABTRQ0
W
0x0149
CAN0TAAK
R
0
0000
ABTAK2
ABTAK1
ABTAK0
W
0x014A
CAN0TBSEL
R
0
0000
TX2
TX1
TX0
W
0x014B
CAN0IDAC
R0
0
IDAM1
IDAM0
0
IDHIT2
IDHIT1
IDHIT0
W
0x014C
Reserved
R
0
0000000
W
0x014D
CAN0MISC
R
0
000000
BOHOLD
W
0x014E
CAN0RXERR
R RXERR7
RXERR6
RXERR5
RXERR4
RXERR3
RXERR2
RXERR1
RXERR0
W
0x014F
CAN0TXERR
R
TXERR7
TXERR6
TXERR5
TXERR4
TXERR3
TXERR2
TXERR1
TXERR0
W
0x0138–0x013F Asynchronous Serial Interface (SCI5) Map (continued)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com