Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F720-I/ML Datasheet(PDF) 215 Page - Microchip Technology

Part # PIC16F720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/ML Datasheet(HTML) 215 Page - Microchip Technology

Back Button PIC16F720-I/ML Datasheet HTML 211Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 212Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 213Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 214Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 215Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 216Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 217Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 218Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 219Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 215
PIC16F/LF720/721
FIGURE 24-5:
PIC16F720/721 TYPICAL IDD vs. FOSC OVER VDD, INTOSC MODE
FIGURE 24-6:
PIC16LF720/721 TYPICAL IDD vs. FOSC OVER VDD, INTOSC MODE
1.8V
2.5V
3.6V
5V
80
90
100
110
120
130
140
150
160
62.5 kHz
125 kHz
250 kHz
500 kHz
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)
FOSC
3.6V
1.8V
2.5V
3V
70
80
90
100
110
120
130
140
62.5 kHz
125 kHz
250 kHz
500 kHz
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
(-40°C to 125°C)
FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com