Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 201Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 202Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 203Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 204Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 205Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 206Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 207Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 208Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 205
PIC16F/LF720/721
FIGURE 23-12:
PIC16F720/721 A/D CONVERSION TIMING (SLEEP MODE)
FIGURE 23-13:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
AD132
AD131
AD130
BSF ADCON0, GO
Q4
A/D CLK
A/D Data
ADRES
ADIF
GO
Sample
OLD_DATA
Sampling Stopped
DONE
NEW_DATA
7
5
32
10
Note 1: If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the
SLEEP
instruction to be executed.
AD134
4
6
1 TCY
(TOSC/2 + TCY(1))
1 TCY
Note:
Refer to Figure 23-2 for load conditions.
US121
US121
US120
US122
CK
DT
TABLE 23-9:
USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
TA +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
US120* TCKH2DTV SYNC XMIT (Master and Slave)
Clock high to data-out valid
3.0-5.5V
—
80
ns
1.8-5.5V
—
100
ns
US121* TCKRF
Clock out rise time and fall time
(Master mode)
3.0-5.5V
—
45
ns
1.8-5.5V
—
50
ns
US122* TDTRF
Data-out rise time and fall time
3.0-5.5V
—
45
ns
1.8-5.5V
—
50
ns
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com