Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 105Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 106Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 107Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 108Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 109Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 110Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 111Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 112Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 109
PIC16F/LF720/721
15.0
CAPTURE/COMPARE/PWM
(CCP) MODULE
The Capture/Compare/PWM module is a peripheral
which allows the user to time and control different
events. In Capture mode, the peripheral allows the
timing of the duration of an event. The Compare mode
allows the user to trigger an external event when a
predetermined amount of time has expired. The PWM
mode can generate a Pulse-Width Modulated signal of
varying frequency and duty cycle.
The timer resources used by the module are shown in
Table 15-1.
Additional information on CCP modules is available in
the Application Note AN594, “Using the CCP Modules”
(DS00594).
TABLE 15-1:
CCP MODE – TIMER
RESOURCES REQUIRED
CCP Mode
Timer Resource
Capture
Timer1
Compare
Timer1
PWM
Timer2
REGISTER 15-1:
CCP1CON: CCP1 CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DC1
B1
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DC1:B1: PWM Duty Cycle Least Significant bits
Capture mode:
Unused
Compare mode:
Unused
PWM mode:
These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in CCPR1L.
bit 3-0
CCP1M<3:0>: CCP mode Select bits
0000
= Capture/Compare/PWM off (resets CCP module)
0001
= Unused (reserved)
0010
= Compare mode, toggle output on match (CCP1IF bit of the PIRx register is set)
0011
= Unused (reserved)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP1IF bit of the PIR1 register is set)
1001
= Compare mode, clear output on match (CCP1IF bit of the PIR1 register is set)
1010
= Compare mode, generate software interrupt on match (CCP1IF bit is set of the PIRx register,
CCP1 pin is unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit of the PIR1register is set, TMR1 is reset
and A/D conversion is started if the ADC module is enabled. CCP1 pin is unaffected.)
11xx
= PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com