Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 115Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 116Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 117Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 118Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 119Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 120Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 121Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 122Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 119
PIC16F/LF720/721
16.0
ADDRESSABLE UNIVERSAL
SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (AUSART)
The
Addressable
Universal
Synchronous
Asynchronous
Receiver
Transmitter
(AUSART)
module is a serial I/O communications peripheral. It
contains all the clock generators, shift registers and
data buffers necessary to perform an input or output
serial data transfer independent of device program
execution. The AUSART, also known as a Serial
Communications Interface (SCI), can be configured as
a full-duplex asynchronous system or half-duplex
synchronous system. Full-Duplex mode is useful for
communications with peripheral systems, such as CRT
terminals
and
personal
computers.
Half-Duplex
Synchronous mode is intended for communications
with peripheral devices, such as A/D or D/A integrated
circuits, serial EEPROMs or other microcontrollers.
These devices typically do not have internal clocks for
baud rate generation and require the external clock
signal provided by a master synchronous device.
The AUSART module includes the following capabilities:
• Full-duplex asynchronous transmit and receive
• Two-character input buffer
• One-character output buffer
• Programmable 8-bit or 9-bit character length
• Address detection in 9-bit mode
• Input buffer overrun error detection
• Received character framing error detection
• Half-duplex synchronous master
• Half-duplex synchronous slave
• Sleep operation
Block diagrams of the AUSART transmitter and
receiver are shown in Figure 16-1 and Figure 16-2.
FIGURE 16-1:
AUSART TRANSMIT BLOCK DIAGRAM
TXIF
TXIE
Interrupt
TXEN
TX9D
MSb
LSb
Data Bus
TXREG Register
Transmit Shift Register (TSR)
(8)
0
TX9
TRMT
SPEN
TX/CK
Pin Buffer
and Control
8
SPBRG
FOSC
÷ n
n
+ 1
Multiplier
x4
x16
x64
SYNC
100
BRGH
x10
Baud Rate Generator
•• •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com