Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 164Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 165Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 166Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 167Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 168Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 169Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 170Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 171Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 168
 2010 Microchip Technology Inc.
REGISTER 18-5:
PMADRL: PROGRAM MEMORY ADDRESS LOW REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
PMA7
PMA6
PMA5
PMA4
PMA3
PMA2
PMA1
PMA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PMA<7:0>: Program Memory Read Address bits
TABLE 18-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PROGRAM MEMORY READ
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other Resets
PMCON1
—
CFGS
LWLO
FREE
—
WREN
WR
RD
1000 -000
1000 -000
PMCON2
Program Memory Control Register 2 (not a physical register)
---- ----
---- ----
PMADRH
—
—
—
Program Memory Read Address Register High Byte
---0 0000
---0 0000
PMADRL
Program Memory Read Address Register Low Byte
0000 0000
0000 0000
PMDATH
—
—
Program Memory Read Data Register High Byte
--xx xxxx
--xx xxxx
PMDATL
Program Memory Read Data Register Low Byte
xxxx xxxx
xxxx xxxx
Legend:
x
= unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the program memory read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com