Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-I/ML Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC16LF720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-I/ML Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC16LF720-I/ML Datasheet HTML 184Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 185Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 186Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 187Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 188Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 189Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 190Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 191Page - Microchip Technology PIC16LF720-I/ML Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 188
 2010 Microchip Technology Inc.
23.1
DC Characteristics: PIC16F/LF720/721-I/E (Industrial, Extended)
PIC16LF720/721
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F720/721
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage
PIC16LF720/721
1.8
—
3.6
V
FOSC
 16 MHz: HFINTOSC, EC
D001
PIC16F720/721
1.8
—
5.5
V
FOSC
 16 MHz: HFINTOSC, EC
D002*
VDR
RAM Data Retention Voltage(1)
PIC16LF720/721
1.5
—
—
V
Device in Sleep mode
D002*
PIC16F720/721
1.7
—
—
V
Device in Sleep mode
VPOR*
Power-on Reset Release Voltage
—1.6
—
V
VPORR*
Power-on Reset Rearm Voltage
PIC16LF720/721
—
0.8
—
V
Device in Sleep mode
PIC16F720/721
—
1.5
—
V
Device in Sleep mode
D003
VFVR
Fixed Voltage Reference Voltage,
Initial Accuracy
-5.5
-5.5
-5.5
—
—
—
5.5
5.5
5.5
%
%
%
VFVR = 1.024V, VDD
 2.5V
VFVR = 2.048V, VDD
 2.5V
VFVR = 4.096V, VDD
4.75V;
-40
TA85°C
-6
-6
-6
—
—
—
6
6
6
%
%
%
VFVR = 1.024V, VDD
 2.5V
VFVR = 2.048V, VDD
 2.5V
VFVR = 4.096V, VDD
4.75V;
-40
TA125°C
D004*
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05
—
—
V/ms
See Section 3.2 “Power-on Reset
(POR)” for details.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com