Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 141Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 142Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 143Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 144Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 145Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 146Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 147Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 148Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 145
PIC16F/LF720/721
17.1.2.4
Slave Select Operation
The SS pin allows Synchronous Slave mode operation.
The SPI must be in Slave mode with SS pin control
enabled (SSPM<3:0> = 0100). The associated TRIS bit
for the SS pin must be set, making SS an input.
In Slave Select mode, when:
•SS = 0, The device operates as specified in
Section 17.1.2 “Slave Mode”.
•SS = 1, The SPI module is held in Reset and the
SDO pin will be tri-stated.
When the SPI module resets, the bit counter is cleared
to ‘0’. This can be done by either forcing the SS pin to
a high level or clearing the SSPEN bit. Figure 17-6
shows the timing waveform for such a synchronization
event.
17.1.2.5
Sleep in Slave Mode
While in Sleep mode, the slave can transmit/receive
data. The SPI Transmit/Receive Shift register operates
asynchronously to the device on the externally supplied
clock source. This allows the device to be placed in
Sleep mode and data to be shifted into the SPI Trans-
mit/Receive Shift register. When all 8 bits have been
received, the SSP Interrupt Flag bit will be set and, if
enabled, will wake the device from Sleep.
FIGURE 17-6:
SLAVE SELECT SYNCHRONIZATION WAVEFORM
Note 1: When the SPI is in Slave mode with SS
pin control enabled (SSPM<3:0> = 0100),
the SPI module will reset if the SS pin is
driven high.
2: If the SPI is used in Slave mode with CKE
set, the SS pin control must be enabled.
Note:
SSPSR must be reinitialized by writing to
the SSPBUF register before the data can
be clocked out of the slave again.
SCK
(CKP = 1
SCK
(CKP = 0
Input
Sample
SDI
bit 7
SDO
bit 7
bit 6
bit 7
SSPIF
Interrupt
(SMP = 0)
CKE = 0)
CKE = 0)
(SMP = 0)
Write to
SSPBUF
SSPSR to
SSPBUF
SS
Flag
bit 0
bit 7
bit 0
SSPSR must be reinitialized by writing to
the SSPBUF register before the data can
be clocked out of the slave again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com