Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 161Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 162Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 163Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 164Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 165Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 166Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 167Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 168Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 165
PIC16F/LF720/721
EXAMPLE 18-2:
WRITING TO FLASH PROGRAM MEMORY
; This write routine assumes the following:
; 1. A valid starting address (the least significant bits = ‘00000’)is loaded in ADDRH:ADDRL
; 2. The 64 bytes of data are loaded, starting at the address in DATADDR
; 3. ADDRH, ADDRL and DATADDR are all located in shared data memory 0x70 - 0x7f
;
BANKSEL PMADRH
; Bank 3
MOVF
ADDRH,W
; Load initial address
MOVWF
PMADRH
;
MOVF
ADDRL,W
;
MOVWF
PMADRL
;
MOVF
DATAADDRL,W
; Load initial data address
MOVWF
FSR0L
;
MOVF
DATAADDRH,W
; Load initial data address
MOVWF
FSR0H
;
LOOP
MOVIW
INDF0++
; Load first data byte into lower
MOVWF
PMDATL
;
MOVIW
INDF0++
; Load second data byte into upper
MOVWF
PMDATH
;
BSF
PMCON1,WREN
; Enable writes
BSF
PMCON1,LWLO
; Only Load Write Latches
MOVLW
55h
; Start of required write sequence:
MOVWF
PMCON2
; Write 55h
MOVLW
AAh
;
MOVWF
PMCON2
; Write AAh
BSF
PMCON1,WR
; Set WR bit to begin write
NOP
; Any instructions here are ignored as processor
; halts to begin write sequence
NOP
; processor will stop here and wait for write complete
; after write processor continues with 3rd instruction
MOVF
PMADR,W
; Check if lower five bits of address are ‘11111’
XORLW
0x1F
; Check if we’re on the last of 8 addresses
ANDLW
0x1F
;
BTFSC
STATUS,Z
; Exit if last of 32 words,
GOTO
START_WRITE
;
INCF
PMADR,F
; Still loading latches Increment address
GOTO
LOOP
; Write next latches
START_WRITE
BCF
PMCON1,LWLO
; No more Latches only; Actually start write
MOVLW
55h
; Start of required write sequence:
MOVWF
PMCON2
; Write 55h
MOVLW
AAh
;
MOVWF
PMCON2
; Write AAh
BSF
PMCON1,WR
; Set WR bit to begin write
NOP
; Any instructions here are ignored as processor
; halts to begin write sequence
NOP
; processor will stop here and wait for write complete
; after write processor continues with 3rd instruction
BCF
PMCON1,WREN
; Disable writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com