Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 167Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 168Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 169Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 170Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 171Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 172Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 173Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 174Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 171
PIC16F/LF720/721
20.0
IN-CIRCUIT SERIAL
PROGRAMMING™ (ICSP™)
ICSP™ programming allows customers to manufacture
circuit boards with unprogrammed devices. Programming
can be done after the assembly process, allowing the
device to be programmed with the most recent firmware
or a custom firmware. Five pins are needed for ICSP™
programming:
• ICSPCLK
• ICSPDAT
•MCLR/VPP
•VDD
•VSS
The device is placed into Program/Verify mode by
holding the ICSPCLK and ICSPDAT pins low then
raising the voltage on MCLR/VPP from 0V to VPP. In
Program/Verify mode the program memory, user IDs and
the Configuration Words are programmed through serial
communications. The ICSPDAT pin is a bidirectional I/O
used for transferring the serial data and the ISCPCLK pin
is the clock input. For more information on ICSP™ refer
to
the
“PIC16F72x/PIC16LF72x
Programming
Specification” (DS41332).
FIGURE 20-1:
TYPICAL CONNECTION FOR ICSP™ PROGRAMMING
Note:
The MPLAB® ICD 2 produces a VPP volt-
age greater than the maximum VPP spec-
ification of the PIC16F/LF720/721. When
using this programmer, an external circuit,
such as the AC164112 MPLAB ICD 2 VPP
voltage limiter, is required to keep the VPP
voltage within the device specifications.
VDD
VPP
GND
External
Device to be
Data
Clock
VDD
MCLR/VPP
VSS
ICSPDAT
ICSPCLK
*
*
*
To Normal Connections
* Isolation devices (as required).
10k
Programming
Signals
Programmed
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com