Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF720-MV/ML Datasheet(PDF) 194 Page - Microchip Technology

Part # PIC16LF720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF720-MV/ML Datasheet(HTML) 194 Page - Microchip Technology

Back Button PIC16LF720-MV/ML Datasheet HTML 190Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 191Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 192Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 193Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 194Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 195Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 196Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 197Page - Microchip Technology PIC16LF720-MV/ML Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 194
 2010 Microchip Technology Inc.
23.5
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature-40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
JA
Thermal Resistance Junction to
Ambient
62.4
C/W
20-pin PDIP package
85.2
C/W
20-pin SOIC package
108.1
C/W
20-pin SSOP package
40
C/W
20-pin QFN 4x4mm package
TH02
JC
Thermal Resistance Junction to
Case
28.1
C/W
20-pin PDIP package
24.2
C/W
20-pin SOIC package
32.2
C/W
20-pin SSOP package
2.5
C/W
20-pin QFN 4x4mm package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD -
VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ - TA)/
JA(2)
Note 1: IDD is current to run the chip alone without driving any load on the output pins.
2: TA = Ambient Temperature
3: TJ = Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com