Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA102T-E/SS Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC24FJ64GA102T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA102T-E/SS Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC24FJ64GA102T-E/SS Datasheet HTML 157Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 158Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 159Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 160Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 161Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 162Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 163Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 164Page - Microchip Technology PIC24FJ64GA102T-E/SS Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 161
PIC24FJ64GA104 FAMILY
REGISTER 14-1:
OCxCON1: OUTPUT COMPARE x CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
OCSIDL
OCTSEL2
OCTSEL1
OCTSEL0
ENFLT2(2)
ENFLT1
bit 15
bit 8
R/W-0
R/W-0, HCS R/W-0, HCS R/W-0, HCS
R/W-0
R/W-0
R/W-0
R/W-0
ENFLT0
OCFLT2
OCFLT1
OCFLT0
TRIGMODE
OCM2(1)
OCM1(1)
OCM0(1)
bit 7
bit 0
Legend:
HCS = Hardware Clearable/Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
OCSIDL: Stop Output Compare x in Idle Mode Control bit
1
= Output compare x halts in CPU Idle mode
0
= Output compare x continues to operate in CPU Idle mode
bit 12-10
OCTSEL<2:0>: Output Compare x Timer Select bits
111
= System clock
110
= Reserved
101
= Reserved
100
= Timer1
011
= Timer5
010
= Timer4
001
= Timer3
000
= Timer2
bit 9
ENFLT2: Comparator Fault Input Enable bit(2)
1
= Comparator Fault input is enabled
0
= Comparator Fault input is disabled
bit 8
ENFLT1: OCFB Fault Input Enable bit
1
= OCFB Fault input is enabled
0
= OCFB Fault input is disabled
bit 7
ENFLT0: OCFA Fault Input Enable bit
1
= OCFA Fault input is enabled
0
= OCFA Fault input is disabled
bit 6
OCFLT2: PWM Comparator Fault Condition Status bit(2)
1
= PWM comparator Fault condition has occurred (this is cleared in hardware only)
0
= PWM comparator Fault condition has not occurred (this bit is used only when OCM<2:0> = 111)
bit 5
OCFLT1: PWM OCFB Fault Input Enable bit
1
= PWM OCFB Fault condition has occurred (this is cleared in hardware only)
0
= PWM OCFB Fault condition has not occurred (this bit is used only when OCM<2:0> = 111)
bit 4
OCFLT0: PWM OCFA Fault Condition Status bit
1
= PWM OCFA Fault condition has occurred (this is cleared in hardware only)
0
= PWM OCFA Fault condition has not occurred (this bit is used only when OCM<2:0> = 111)
bit 3
TRIGMODE: Trigger Status Mode Select bit
1
= TRIGSTAT (OCxCON2<6>) is cleared when OCxRS = OCxTMR or in software
0
= TRIGSTAT is only cleared by software
Note 1:
The OCx output must also be configured to an available RPn pin. For more information, see Section 10.4
“Peripheral Pin Select (PPS)”.
2:
The comparator module used for Fault input varies with the OCx module. OC1 and OC2 use Comparator 1;
OC3 and OC4 use Comparator 2; OC5 uses Comparator 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com