Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 212Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 213Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 214Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 215Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 216Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 217Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 218Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 219Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 216
 2010 Microchip Technology Inc.
REGISTER 20-1:
CRCCON1: CRC CONTROL REGISTER 1
R/W-0
U-0
R/W-0
R-0
R-0
R-0
R-0
R-0
CRCEN
—
CSIDL
VWORD4
VWORD3
VWORD2
VWORD1
VWORD0
bit 15
bit 8
R-0, HCS
R-1, HCS
R/W-0
R/W-0, HC
R/W-0
U-0
U-0
U-0
CRCFUL
CRCMPT
CRCISEL
CRCGO
LENDIAN
—
—
—
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
HCS = Hardware Clearable/Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CRCEN: CRC Enable bit
1
= Module is enabled
0
= Module is enabled. All state machines, pointers and CRCWDAT/CRCDAT are reset; other SFRs are
NOT reset.
bit 14
Unimplemented: Read as ‘0’
bit 13
CSIDL: CRC Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-8
VWORD<4:0>: Pointer Value bits
Indicates the number of valid words in the FIFO. Has a maximum value of 8 when PLEN<3:0> > 7, or
16 when PLEN<3:0>
7.
bit 7
CRCFUL: FIFO Full bit
1
= FIFO is full
0
= FIFO is not full
bit 6
CRCMPT: FIFO Empty Bit
1
= FIFO is empty
0
= FIFO is not empty
bit 5
CRCISEL: CRC interrupt Selection bit
1
= Interrupt on FIFO is empty; CRC calculation is not complete
0
= Interrupt on shift is complete and CRCWDAT result is ready
bit 4
CRCGO: Start CRC bit
1
= Start CRC serial shifter
0
= CRC serial shifter is turned off
bit 3
LENDIAN: Data Shift Direction Select bit
1
= Data word is shifted into the CRC starting with the LSb (little endian)
0
= Data word is shifted into the CRC starting with the MSb (big endian)
bit 2-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com