Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 224 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 224 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 220Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 221Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 222Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 223Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 224Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 225Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 226Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 227Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 224
 2010 Microchip Technology Inc.
REGISTER 21-4:
AD1CHS: A/D INPUT SELECT REGISTER
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NB
—
—
CH0SB4(1,2) CH0SB3(1,2) CH0SB2(1,2) CH0SB1(1,2) CH0SB0(1,2)
bit 15
bit 8
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CH0NA
—
—
CH0SA4
CH0SA3
CH0SA2
CH0SA1
CH0SA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CH0NB: Channel 0 Negative Input Select for MUX B Multiplexer Setting bit
1
= Channel 0 negative input is AN1
0
= Channel 0 negative input is VR-
bit 14-13
Unimplemented: Read as ‘0’
bit 12-8
CH0SB<4:0>: Channel 0 Positive Input Select for MUX B Multiplexer Setting bits(1,2)
11111
= Channel 0 positive input is reserved for CTMU use only(3)
1xxxx
= Unimplemented; do not use.
01111
= Channel 0 positive input is internal band gap reference (VBG)
01110
= Channel 0 positive input is VBG/2
01101
= Channel 0 positive input is voltage regulator output (VDDCORE)
01100
= Channel 0 positive input is AN12
01011
= Channel 0 positive input is AN11
01010
= Channel 0 positive input is AN10
01001
= Channel 0 positive input is AN9
01000
= Channel 0 positive input is AN8
00111
= Channel 0 positive input is AN7
00110
= Channel 0 positive input is AN6
00101
= Channel 0 positive input is AN5
00100
= Channel 0 positive input is AN4
00011
= Channel 0 positive input is AN3
00010
= Channel 0 positive input is AN2
00001
= Channel 0 positive input is AN1
00000
= Channel 0 positive input is AN0
bit 7
CH0NA: Channel 0 Negative Input Select for MUX A Multiplexer Setting bit
1
= Channel 0 negative input is AN1
0
= Channel 0 negative input is VR-
bit 6-5
Unimplemented: Read as ‘0’
bit 4-0
CH0SA<4:0>: Channel 0 Positive Input Select for MUX A Multiplexer Setting bits
Implemented combinations are identical to those for CH0SB<4:0> (above).
Note 1:
Combinations not shown here are unimplemented; do not use.
2:
Analog channels, AN6, AN7, AN8 and AN12, are unavailable on 28-pin devices; do not use.
3:
Selecting this internal channel allows the CTMU module to utilize the A/D Converter sample and hold
capacitor (CAD) for the smallest time measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com