Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 240 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 240 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 236Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 237Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 238Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 239Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 240Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 241Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 242Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 243Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 240
 2010 Microchip Technology Inc.
REGISTER 25-1:
CW1: FLASH CONFIGURATION WORD 1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
r-x
R/PO-1
R/PO-1
R/PO-1
R/PO-1
U-1
R/PO-1
R/PO-1
rJTAGEN(1)
GCP
GWRP
DEBUG
—
ICS1
ICS0
bit 15
bit 8
R/PO-1
R/PO-1
U-1
R/PO-1R/PO-1R/PO-1R/PO-1R/PO-1
FWDTEN
WINDIS
—
FWPSA
WDTPS3
WDTPS2
WDTPS1
WDTPS0
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
PO = Program Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 23-16
Unimplemented: Read as ‘1’
bit 15
Reserved: The value is unknown; program as ‘0’
bit 14
JTAGEN: JTAG Port Enable bit(1)
1
= JTAG port is enabled
0
= JTAG port is disabled
bit 13
GCP: General Segment Program Memory Code Protection bit
1
= Code protection is disabled
0
= Code protection is enabled for the entire program memory space
bit 12
GWRP: General Segment Code Flash Write Protection bit
1
= Writes to program memory are allowed
0
= Writes to program memory are disabled
bit 11
DEBUG: Background Debugger Enable bit
1
= Device resets into Operational mode
0
= Device resets into Debug mode
bit 10
Unimplemented: Read as ‘1’
bit 9-8
ICS<1:0>: Emulator Pin Placement Select bits
11
= Emulator functions are shared with PGEC1/PGED1
10
= Emulator functions are shared with PGEC2/PGED2
01
= Emulator functions are shared with PGEC3/PGED3
00
= Reserved; do not use
bit 7
FWDTEN: Watchdog Timer Enable bit
1
= Watchdog Timer is enabled
0
= Watchdog Timer is disabled
bit 6
WINDIS: Windowed Watchdog Timer Disable bit
1
= Standard Watchdog Timer is enabled
0
= Windowed Watchdog Timer is enabled; FWDTEN must be ‘1’
bit 5
Unimplemented: Read as ‘1’
bit 4
FWPSA: WDT Prescaler Ratio Select bit
1
= Prescaler ratio of 1:128
0
= Prescaler ratio of 1:32
Note 1:
The JTAGEN bit can only be modified using In-Circuit Serial Programming™ (ICSP™). It cannot be
modified while connected through the JTAG interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com