Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 245Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 246Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 247Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 248Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 249Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 250Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 251Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 252Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 308 page
background image
 2010 Microchip Technology Inc.
DS39951C-page 249
PIC24FJ64GA104 FAMILY
25.5.2
CODE SEGMENT PROTECTION
In addition to global General Segment protection, a
separate subrange of the program memory space can
be individually protected against writes and erases.
This area can be used for many purposes where a
separate block of erase and write-protected code is
needed, such as bootloader applications. Unlike
common boot block implementations, the specially
protected segment in the PIC24FJ64GA104 family
devices can be located by the user anywhere in the
program space and configured in a wide range of sizes.
Code segment protection provides an added level of
protection to a designated area of program memory, by
disabling the NVM safety interlock, whenever a write or
erase address falls within a specified range. It does not
override General Segment protection controlled by the
GCP or GWRP bits. For example, if GCP and GWRP
are enabled, enabling segmented code protection for
the bottom half of program memory does not undo
General Segment protection for the top half.
The size and type of protection for the segmented code
range are configured by the WPFPx, WPEND, WPCFG
and WPDIS bits in Configuration Word 3. Code seg-
ment protection is enabled by programming the WPDIS
bit (= 0). The WPFP bits specify the size of the segment
to be protected by specifying the 512-word code page
that is the start or end of the protected segment. The
specified region is inclusive, therefore, this page will
also be protected.
The WPEND bit determines if the protected segment
uses the top or bottom of the program space as a
boundary. Programming WPEND (= 0) sets the bottom
of program memory (000000h) as the lower boundary
of the protected segment. Leaving WPEND unpro-
grammed (= 1) protects the specified page through the
last page of implemented program memory, including
the Configuration Word locations.
A separate bit, WPCFG, is used to independently protect
the last page of program space, including the Flash Con-
figuration Words. Programming WPCFG (= 0) protects
the last page, regardless of the other bit settings. This
may be useful in circumstances where write protection is
needed for both a code segment in the bottom of
memory, as well as the Flash Configuration Words.
The various options for segment code protection are
shown in Table 25-2.
25.5.3
CONFIGURATION REGISTER
PROTECTION
The Configuration registers are protected against
inadvertent or unwanted changes, or reads in two
ways. The primary protection method is the same as
that of the RP registers – shadow registers contain a
complimentary value which is constantly compared
with the actual value.
To safeguard against unpredictable events, Configura-
tion bit changes resulting from individual cell level
disruptions (such as ESD events) will cause a parity
error and trigger a device Reset.
The data for the Configuration registers is derived from
the Flash Configuration Words in program memory.
When the GCP bit is set, the source data for device
configuration is also protected as a consequence. Even
if General Segment protection is not enabled, the
device configuration can be protected by using the
appropriate code cement protection setting.
TABLE 25-2:
SEGMENT CODE PROTECTION CONFIGURATION OPTIONS
Segment Configuration Bits
Write/Erase Protection of Code Segment
WPDIS
WPEND
WPCFG
1x1
No additional protection enabled; all program memory protection is configured
by GCP and GWRP
1x0
Last code page protected, including Flash Configuration Words
010
Addresses from the first address of code page are defined by WPFP<5:0>
through the end of implemented program memory (inclusive) are protected,
including Flash Configuration Words
000
Address, 000000h, through the last address of code page, defined by
WPFP<5:0> (inclusive) is protected
011
Addresses from first address of code page, defined by WPFP<5:0> through the
end of implemented program memory (inclusive), are protected, including Flash
Configuration Words
001
Addresses from first address of code page, defined by WPFP<5:0> through the
end of implemented program memory (inclusive), are protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com