Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 150Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 151Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 152Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 153Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 154Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 155Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 156Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 157Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 154
 2010 Microchip Technology Inc.
REGISTER 13-2:
ICxCON2: INPUT CAPTURE x CONTROL REGISTER 2
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—IC32
bit 15
bit 8
R/W-0
R/W-0, HS
U-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
ICTRIG
TRIGSTAT
—
SYNCSEL4
SYNCSEL3
SYNCSEL2
SYNCSEL1
SYNCSEL0
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-9
Unimplemented: Read as ‘0’
bit 8
IC32: Cascade Two IC Modules Enable bit (32-bit operation)
1
= ICx and ICy operate in cascade as a 32-bit module (this bit must be set in both modules)
0
= ICx functions independently as a 16-bit module
bit 7
ICTRIG: ICx Trigger/Sync Select bit
1
= Trigger ICx from source designated by SYNCSELx bits
0
= Synchronize ICx with source designated by SYNCSELx bits
bit 6
TRIGSTAT: Timer Trigger Status bit
1
= Timer source has been triggered and is running (set in hardware, can be set in software)
0
= Timer source has not been triggered and is being held clear
bit 5
Unimplemented: Read as ‘0’
bit 4-0
SYNCSEL<4:0>: Trigger/Synchronization Source Selection bits
11111
= Reserved
11110
= Reserved
11101
= Reserved
11100
= CTMU(1)
11011
= A/D(1)
11010
= Comparator 3(1)
11001
= Comparator 2(1)
11000
= Comparator 1(1)
10111
= Input Capture 4
10110
= Input Capture 3
10101
= Input Capture 2
10100
= Input Capture 1
10011
= Reserved
10010
= Reserved
1000x
= Reserved
01111
= Timer5
01110
= Timer4
01101
= Timer3
01100
= Timer2
01011
= Timer1
01010
= Input Capture 5
01001
= Reserved
01000
= Reserved
00111
= Reserved
00110
= Reserved
00101
= Output Compare 5
00100
= Output Compare 4
00011
= Output Compare 3
00010
= Output Compare 2
00001
= Output Compare 1
00000
= Not synchronized to any other module
Note 1:
Use these inputs as trigger sources only and never as sync sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com