Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ64GA104T-E/SS Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC24FJ64GA104T-E/SS
Description  28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
PDF  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA104T-E/SS Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC24FJ64GA104T-E/SS Datasheet HTML 158Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 159Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 160Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 161Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 162Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 163Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 164Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 165Page - Microchip Technology PIC24FJ64GA104T-E/SS Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 308 page
background image
PIC24FJ64GA104 FAMILY
DS39951C-page 162
 2010 Microchip Technology Inc.
bit 2-0
OCM<2:0>: Output Compare x Mode Select bits(1)
111
= Center-Aligned PWM mode on OCx
110
= Edge-Aligned PWM mode on OCx
101
= Double Compare Continuous Pulse mode: initialize OCx pin low, toggle OCx state continuously
on alternate matches of OCxR and OCxRS
100
= Double Compare Single-Shot mode: initialize OCx pin low, toggle OCx state on matches of
OCxR and OCxRS for one cycle
011
= Single Compare Continuous Pulse mode: compare events continuously toggle OCx pin
010
= Single Compare Single-Shot mode: initialize OCx pin high, compare event forces OCx pin low
001
= Single Compare Single-Shot mode: initialize OCx pin low, compare event forces OCx pin high
000
= Output compare channel is disabled
REGISTER 14-1:
OCxCON1: OUTPUT COMPARE x CONTROL REGISTER 1 (CONTINUED)
Note 1:
The OCx output must also be configured to an available RPn pin. For more information, see Section 10.4
“Peripheral Pin Select (PPS)”.
2:
The comparator module used for Fault input varies with the OCx module. OC1 and OC2 use Comparator 1;
OC3 and OC4 use Comparator 2; OC5 uses Comparator 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com