| Electronic Components Datasheet Search |
|
PIC18F2431T-E/P Datasheet(PDF) 151 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2431T-E/P Datasheet(HTML) 151 Page - Microchip Technology |
|
151 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 151 PIC18F2331/2431/4331/4431 17.0 MOTION FEEDBACK MODULE The Motion Feedback Module (MFM) is a special purpose peripheral designed for motion feedback applications. Together with the Power Control PWM (PCPWM) module (see Section 18.0 “Power Control PWM Module” ), it provides a variety of control solutions for a wide range of electric motors. The module actually consists of two hardware submodules: • Input Capture (IC) • Quadrature Encoder Interface (QEI) Together with Timer5 (see Section 15.0 “Timer5 Module” ), these modules provide a number of options for motion and control applications. Many of the features for the IC and QEI submodules are fully programmable, creating a flexible peripheral structure that can accommodate a wide range of in-system uses. An overview of the available features is presented in Table 17-1. A simplified block diagram of the entire Motion Feedback Module is shown in Figure 17-1. TABLE 17-1: SUMMARY OF MOTION FEEDBACK MODULE FEATURES Note: Because the same input pins are common to the IC and QEI submodules, only one of these two submodules may be used at any given time. If both modules are on, the QEI submodule will take precedence. Submodule Mode(s) Features Timer Function IC (3x) • Synchronous • Input Capture • Flexible Input Capture modes • Available Prescaler • Selectable Time Base Reset • Special Event Trigger for ADC Sampling/Conversion or Optional TMR5 Reset Feature (CAP1 only) • Wake-up from Sleep function • Selectable Interrupt Frequency • Optional Noise Filter TMR5 • 3x Input Capture (edge capture, pulse width, period measurement, capture on change) • Special Event Triggers the A/D Conversion on the CAP1 Input QEI QEI • Detect Position • Detect Direction of Rotation • Large Bandwidth (FCY/16) • Optional Noise Filter 16-Bit Position Counter • Position Measurement • Direction of Rotation Status Velocity Measurement • 2x and 4x Update modes • Velocity Event Postscaler • Counter Overflow Flag for Low Rotation Speed • Utilizes Input Capture 1 Logic (IC1) • High and Low Velocity Support TMR5 • Precise Velocity Measurement • Direction of Rotation Status |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |