| Electronic Components Datasheet Search |
|
PIC18F23K22-E/P Datasheet(PDF) 241 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-E/P Datasheet(HTML) 241 Page - Microchip Technology |
|
241 / 496 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412C-page 241 PIC18(L)F2X/4XK22 15.6.5 I2 C MASTER MODE REPEATED START CONDITION TIMING A Repeated Start condition occurs when the RSEN bit of the SSPxCON2 register is programmed high and the master state machine is no longer active. When the RSEN bit is set, the SCLx pin is asserted low. When the SCLx pin is sampled low, the Baud Rate Generator is loaded and begins counting. The SDAx pin is released (brought high) for one Baud Rate Generator count (TBRG). When the Baud Rate Generator times out, if SDAx is sampled high, the SCLx pin will be deasserted (brought high). When SCLx is sampled high, the Baud Rate Generator is reloaded and begins counting. SDAx and SCLx must be sampled high for one TBRG. This action is then followed by assertion of the SDAx pin (SDAx = 0) for one TBRG while SCLx is high. SCLx is asserted low. Following this, the RSEN bit of the SSPxCON2 register will be automatically cleared and the Baud Rate Generator will not be reloaded, leaving the SDAx pin held low. As soon as a Start condition is detected on the SDAx and SCLx pins, the S bit of the SSPxSTAT register will be set. The SSPxIF bit will not be set until the Baud Rate Generator has timed out. FIGURE 15-27: REPEAT START CONDITION WAVEFORM Note 1: If RSEN is programmed while any other event is in progress, it will not take effect. 2: A bus collision during the Repeated Start condition occurs if: • SDAx is sampled low when SCLx goes from low-to-high. • SCLx goes low before SDAx is asserted low. This may indicate that another master is attempting to transmit a data ‘1’. SDAx SCLx Repeated Start Write to SSPxCON2 Write to SSPxBUF occurs here At completion of Start bit, hardware clears RSEN bit 1st bit S bit set by hardware TBRG TBRG SDAx = 1, SDAx = 1, SCLx (no change) SCLx = 1 occurs here TBRG TBRG TBRG and sets SSPxIF Sr |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |