Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/SP Datasheet(PDF) 282 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 282 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 278Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 279Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 280Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 281Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 282Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 283Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 284Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 285Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 286Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 282
Preliminary
 2010 Microchip Technology Inc.
16.3.4
BREAK CHARACTER SEQUENCE
The EUSART module has the capability of sending the
special Break character sequences that are required by
the LIN bus standard. A Break character consists of a
Start bit, followed by 12 ‘0’ bits and a Stop bit.
To send a Break character, set the SENDB and TXEN
bits of the TXSTAx register. The Break character trans-
mission is then initiated by a write to the TXREGx. The
value of data written to TXREGx will be ignored and all
‘0’s will be transmitted.
The SENDB bit is automatically reset by hardware after
the corresponding Stop bit is sent. This allows the user
to preload the transmit FIFO with the next transmit byte
following the Break character (typically, the Sync
character in the LIN specification).
The TRMT bit of the TXSTAx register indicates when the
transmit operation is active or Idle, just as it does during
normal transmission. See Figure 16-9 for the timing of
the Break character sequence.
16.3.4.1
Break and Sync Transmit Sequence
The following sequence will start a message frame
header made up of a Break, followed by an auto-baud
Sync byte. This sequence is typical of a LIN bus
master.
1.
Configure the EUSART for the desired mode.
2.
Set the TXEN and SENDB bits to enable the
Break sequence.
3.
Load the TXREGx with a dummy character to
initiate transmission (the value is ignored).
4.
Write ‘55h’ to TXREGx to load the Sync charac-
ter into the transmit FIFO buffer.
5.
After the Break has been sent, the SENDB bit is
reset by hardware and the Sync character is
then transmitted.
When the TXREGx becomes empty, as indicated by
the TXxIF, the next data byte can be written to
TXREGx.
16.3.5
RECEIVING A BREAK CHARACTER
The Enhanced EUSART module can receive a Break
character in two ways.
The first method to detect a Break character uses the
FERR bit of the RCSTAx register and the Received
data as indicated by RCREGx. The Baud Rate
Generator is assumed to have been initialized to the
expected baud rate.
A Break character has been received when;
• RCxIF bit is set
• FERR bit is set
• RCREGx = 00h
The second method uses the Auto-Wake-up feature
described in Section 16.3.3 “Auto-Wake-up on
Break”. By enabling this feature, the EUSART will
sample the next two transitions on RXx/DTx, cause an
RCxIF interrupt, and receive the next data byte fol-
lowed by another interrupt.
Note that following a Break character, the user will
typically want to enable the Auto-Baud Detect feature.
For both methods, the user can set the ABDEN bit of
the BAUDCONx register before placing the EUSART in
Sleep mode.
FIGURE 16-9:
SEND BREAK CHARACTER SEQUENCE
Write to TXREGx
Dummy Write
BRG Output
(Shift Clock)
Start bit
bit 0
bit 1
bit 11
Stop bit
Break
TXxIF bit
(Transmit
interrupt Flag)
TXx/CKx (pin)
TRMT bit
(Transmit Shift
Reg. Empty Flag)
SENDB
(send Break
control bit)
SENDB Sampled Here
Auto Cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com