Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 213Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 214Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 215Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 216Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 217Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 218Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 219Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 220Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 217
PIC18(L)F2X/4XK22
15.2.6
SPI OPERATION IN SLEEP MODE
In SPI Master mode, module clocks may be operating
at a different speed than when in Full-Power mode; in
the case of the Sleep mode, all clocks are halted.
Special care must be taken by the user when the
MSSPx clock is much faster than the system clock.
In Slave mode, when MSSPx interrupts are enabled,
after the master completes sending data, an MSSPx
interrupt will wake the controller from Sleep.
If an exit from Sleep mode is not desired, MSSPx
interrupts should be disabled.
In SPI Master mode, when the Sleep mode is selected,
all module clocks are halted and the transmission/
reception will remain in that state until the device
wakes. After the device returns to Run mode, the
module will resume transmitting and receiving data.
In SPI Slave mode, the SPI Transmit/Receive Shift
register operates asynchronously to the device. This
allows the device to be placed in Sleep mode and data
to be shifted into the SPI Transmit/Receive Shift
register. When all 8 bits have been received, the
MSSPx interrupt flag bit will be set and if enabled, will
wake the device.
TABLE 15-1:
REGISTERS ASSOCIATED WITH SPI OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
152
ANSELB
—
—
ANSB5
ANSB4
ANSB3(1)
ANSB2(1)
ANSB1(1)
ANSB0(1)
153
ANSELC
ANSC7
ANSC6
ANSC5
ANSC4
ANSC3
ANSC2
—
—
153
ANSELD
ANSD7
ANSD6
ANSD5
ANSD4(2)
ANSD3(2)
ANSD2
ANSD1(2)
ANSD0(2)
153
INTCON
GIE/GIEH
PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR3
SSP2IP
BCL2IP
RC2IP
TX2IP
CTMUIP
TMR5GIP
TMR3GIP TMR1GIP
129
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
PIE3
SSP2IE
BCL2IE
RC2IE
TX2IE
CTMUIE
TMR5GIE
TMR3GIE TMR1GIE
125
PIR1
—
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
118
PIR3
SSP2IF
BCL2IF
RC2IF
TX2IF
CTMUIF
TMR5GIF
TMR3GIF
TMR1GIF
120
PMD1
MSSP2MD MSSP1MD
—
CCP5MD
CCP4MD
CCP3MD
CCP2MD
CCP1MD
57
SSP1BUF
SSP1 Receive Buffer/Transmit Register
—
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
256
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
259
SSP1STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
255
SSP2BUF
SSP2 Receive Buffer/Transmit Register
—
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
256
SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
259
SSP2STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
255
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
154
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3(1) TRISB2(1) TRISB1(1) TRISB0(1)
154
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
154
TRISD
TRISD7
TRISD6
TRISD5 TRISD4(2) TRISD3(2)
TRISD2
TRISD1(2) TRISD0(2)
154
Legend:
Shaded bits are not used by the MSSPx in SPI mode.
Note 1:
PIC18(L)F2XK22 devices.
2:
PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com