Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 222 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 222 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 218Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 219Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 220Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 221Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 222Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 223Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 224Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 225Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 222
Preliminary
 2010 Microchip Technology Inc.
15.4.9
ACKNOWLEDGE SEQUENCE
The 9th SCLx pulse for any transferred byte in I2C is
dedicated as an Acknowledge. It allows receiving
devices to respond back to the transmitter by pulling
the SDAx line low. The transmitter must release con-
trol of the line during this time to shift in the response.
The Acknowledge (ACK) is an active-low signal, pull-
ing the SDAx line low indicated to the transmitter that
the device has received the transmitted data and is
ready to receive more.
The result of an ACK is placed in the ACKSTAT bit of
the SSPxCON2 register.
Slave software, when the AHEN and DHEN bits are
set, allow the user to set the ACK value sent back to
the transmitter. The ACKDT bit of the SSPxCON2
register is set/cleared to determine the response.
Slave hardware will generate an ACK response if the
AHEN and DHEN bits of the SSPxCON3 register are
clear.
There are certain conditions where an ACK will not be
sent by the slave. If the BF bit of the SSPxSTAT
register or the SSPxOV bit of the SSPxCON1 register
are set when a byte is received.
When the module is addressed, after the 8th falling
edge of SCLx on the bus, the ACKTIM bit of the
SSPxCON3 register is set. The ACKTIM bit indicates
the acknowledge time of the active bus.
The ACKTIM Status bit is only active when the AHEN
bit or DHEN bit is enabled.
15.5
I2C
SLAVE MODE OPERATION
The MSSPx Slave mode operates in one of four
modes selected in the SSPxM bits of SSPxCON1
register. The modes can be divided into 7-bit and 10-bit
Addressing mode. 10-bit Addressing modes operate
the same as 7-bit with some additional overhead for
handling the larger addresses.
Modes with Start and Stop bit interrupts operated the
same as the other modes with SSPxIF additionally
getting set upon detection of a Start, Restart, or Stop
condition.
15.5.1
SLAVE MODE ADDRESSES
The SSPxADD register (Register 15-6) contains the
Slave mode address. The first byte received after a
Start or Restart condition is compared against the
value stored in this register. If the byte matches, the
value is loaded into the SSPxBUF register and an
interrupt is generated. If the value does not match, the
module goes Idle and no indication is given to the
software that anything happened.
The SSPx Mask register (Register 15-5) affects the
address matching process. See Section 15.5.9
“SSPx Mask Register” for more information.
15.5.1.1
I2C Slave 7-bit Addressing Mode
In 7-bit Addressing mode, the LSb of the received data
byte is ignored when determining if there is an address
match.
15.5.1.2
I2C Slave 10-bit Addressing Mode
In 10-bit Addressing mode, the first received byte is
compared to the binary value of ‘1 1 1 1 0 A9 A8 0’. A9
and A8 are the two MSb of the 10-bit address and
stored in bits 2 and 1 of the SSPxADD register.
After the acknowledge of the high byte the UA bit is set
and SCLx is held low until the user updates SSPxADD
with the low address. The low address byte is clocked
in and all 8 bits are compared to the low address value
in SSPxADD. Even if there is not an address match;
SSPxIF and UA are set, and SCLx is held low until
SSPxADD is updated to receive a high byte again.
When SSPxADD is updated the UA bit is cleared. This
ensures the module is ready to receive the high
address byte on the next communication.
A high and low address match as a write request is
required at the start of all 10-bit addressing
communication. A transmission can be initiated by
issuing a Restart once the slave is addressed, and
clocking in the high address with the R/W bit set. The
slave hardware will then acknowledge the read
request and prepare to clock out data. This is only
valid for a slave after it has received a complete high
and low address byte match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com