Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 232 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 232 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 228Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 229Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 230Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 231Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 232Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 233Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 234Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 235Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 232
Preliminary
 2010 Microchip Technology Inc.
15.5.4
SLAVE MODE 10-BIT ADDRESS
RECEPTION
This section describes a standard sequence of events
for the MSSPx module configured as an I2C slave in
10-bit Addressing mode.
Figure 15-19 and is used as a visual reference for this
description.
This is a step by step process of what must be done by
slave software to accomplish I2C communication.
1.
Bus starts Idle.
2.
Master sends Start condition; S bit of SSPxSTAT
is set; SSPxIF is set if interrupt on Start detect is
enabled.
3.
Master sends matching high address with R/W
bit clear; UA bit of the SSPxSTAT register is set.
4.
Slave sends ACK and SSPxIF is set.
5.
Software clears the SSPxIF bit.
6.
Software reads received address from SSPxBUF
clearing the BF flag.
7.
Slave loads low address into SSPxADD,
releasing SCLx.
8.
Master sends matching low address byte to the
slave; UA bit is set.
9.
Slave sends ACK and SSPxIF is set.
10. Slave clears SSPxIF.
11. Slave reads the received matching address
from SSPxBUF clearing BF.
12. Slave loads high address into SSPxADD.
13. Master clocks a data byte to the slave and clocks
out the slaves ACK on the 9th SCLx pulse;
SSPxIF is set.
14. If SEN bit of SSPxCON2 is set, CKP is cleared
by hardware and the clock is stretched.
15. Slave clears SSPxIF.
16. Slave reads the received byte from SSPxBUF
clearing BF.
17. If SEN is set the slave sets CKP to release the
SCLx.
18. Steps 13-17 repeat for each received byte.
19. Master sends Stop to end the transmission.
15.5.5
10-BIT ADDRESSING WITH ADDRESS OR
DATA HOLD
Reception using 10-bit addressing with AHEN or
DHEN set is the same as with 7-bit modes. The only
difference is the need to update the SSPxADD register
using the UA bit. All functionality, specifically when the
CKP bit is cleared and SCLx line is held low are the
same. Figure 15-20 can be used as a reference of a
slave in 10-bit addressing with AHEN set.
Figure 15-21 shows a standard waveform for a slave
transmitter in 10-bit Addressing mode.
Note: Updates to the SSPxADD register are not
allowed until after the ACK sequence.
Note: If the low address does not match, SSPxIF
and UA are still set so that the slave software
can set SSPxADD back to the high address.
BF is not set because there is no match.
CKP is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com