Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 240Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 241Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 242Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 243Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 244Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 245Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 246Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 247Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 244
Preliminary
 2010 Microchip Technology Inc.
15.6.7
I2C MASTER MODE RECEPTION
Master mode reception is enabled by programming the
Receive Enable bit, RCEN, of the SSPxCON2 register.
The Baud Rate Generator begins counting and on each
rollover, the state of the SCLx pin changes (high-to-low/
low-to-high) and data is shifted into the SSPxSR. After
the falling edge of the eighth clock, the receive enable
flag is automatically cleared, the contents of the
SSPxSR are loaded into the SSPxBUF, the BF flag bit
is set, the SSPxIF flag bit is set and the Baud Rate
Generator is suspended from counting, holding SCLx
low. The MSSPx is now in Idle state awaiting the next
command. When the buffer is read by the CPU, the BF
flag bit is automatically cleared. The user can then
send an Acknowledge bit at the end of reception by set-
ting the Acknowledge Sequence Enable bit, ACKEN, of
the SSPxCON2 register.
15.6.7.1
BF Status Flag
In receive operation, the BF bit is set when an address
or data byte is loaded into SSPxBUF from SSPxSR. It
is cleared when the SSPxBUF register is read.
15.6.7.2
SSPxOV Status Flag
In receive operation, the SSPxOV bit is set when 8 bits
are received into the SSPxSR and the BF flag bit is
already set from a previous reception.
15.6.7.3
WCOL Status Flag
If the user writes the SSPxBUF when a receive is
already in progress (i.e., SSPxSR is still shifting in a
data byte), the WCOL bit is set and the contents of the
buffer are unchanged (the write does not occur).
15.6.7.4
Typical Receive Sequence:
1.
The user generates a Start condition by setting
the SEN bit of the SSPxCON2 register.
2.
SSPxIF is set by hardware on completion of the
Start.
3.
SSPxIF is cleared by software.
4.
User writes SSPxBUF with the slave address to
transmit and the R/W bit set.
5.
Address is shifted out the SDAx pin until all 8 bits
are transmitted. Transmission begins as soon
as SSPxBUF is written to.
6.
The MSSPx module shifts in the ACK bit from
the slave device and writes its value into the
ACKSTAT bit of the SSPxCON2 register.
7.
The MSSPx module generates an interrupt at
the end of the ninth clock cycle by setting the
SSPxIF bit.
8.
User sets the RCEN bit of the SSPxCON2 regis-
ter and the Master clocks in a byte from the slave.
9.
After the 8th falling edge of SCLx, SSPxIF and
BF are set.
10. Master clears SSPxIF and reads the received
byte from SSPxUF, clears BF.
11. Master sets ACK value sent to slave in ACKDT
bit of the SSPxCON2 register and initiates the
ACK by setting the ACKEN bit.
12. Masters ACK is clocked out to the slave and
SSPxIF is set.
13. User clears SSPxIF.
14. Steps 8-13 are repeated for each received byte
from the slave.
15. Master sends a not ACK or Stop to end
communication.
Note:
The MSSPx module must be in an Idle
state before the RCEN bit is set or the
RCEN bit will be disregarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com