Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 254 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 254 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 250Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 251Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 252Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 253Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 254Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 255Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 256Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 257Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 258Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 254
Preliminary
 2010 Microchip Technology Inc.
15.7
BAUD RATE GENERATOR
The MSSPx module has a Baud Rate Generator avail-
able for clock generation in both I2C and SPI Master
modes. The Baud Rate Generator (BRG) reload value
is placed in the SSPxADD register (Register 15-6).
When a write occurs to SSPxBUF, the Baud Rate Gen-
erator will automatically begin counting down.
Once the given operation is complete, the internal clock
will automatically stop counting and the clock pin will
remain in its last state.
An internal signal “Reload” in Figure 15-39 triggers the
value from SSPxADD to be loaded into the BRG
counter. This occurs twice for each oscillation of the
module clock line. The logic dictating when the reload
signal is asserted depends on the mode the MSSPx is
being operated in.
Table 15-4 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPxADD.
EQUATION 15-1:
FIGURE 15-40:
BAUD RATE GENERATOR BLOCK DIAGRAM
FCLOCK
FOSC
SSPxADD
1
+
 4

-------------------------------------------------
=
Note: Values of 0x00, 0x01 and 0x02 are not valid
for SSPxADD when used as a Baud Rate
Generator for I2C. This is an implementation
limitation.
SSPxM<3:0>
BRG Down Counter
SSPxCLK
FOSC/2
SSPxADD<7:0>
SSPxM<3:0>
SCLx
Reload
Control
Reload
TABLE 15-4:
MSSPx CLOCK RATE W/BRG
FOSC
FCY
BRG Value
FCLOCK
(2 Rollovers of BRG)
32 MHz
8 MHz
13h
400 kHz(1)
32 MHz
8 MHz
19h
308 kHz
32 MHz
8 MHz
4Fh
100 kHz
16 MHz
4 MHz
09h
400 kHz(1)
16 MHz
4 MHz
0Ch
308 kHz
16 MHz
4 MHz
27h
100 kHz
4 MHz
1 MHz
09h
100 kHz
Note 1:
The I2C interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com