Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 270 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 270 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 266Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 267Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 268Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 269Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 270Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 271Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 272Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 273Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 270
Preliminary
 2010 Microchip Technology Inc.
16.1.2.9
Asynchronous Reception Set-up:
1.
Initialize the SPBRGHx:SPBRGx register pair
and the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 16.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Enable the serial port by setting the SPEN bit
and the RXx/DTx pin TRIS bit. The SYNC bit
must be clear for asynchronous operation.
4.
If interrupts are desired, set the RCxIE interrupt
enable bit and set the GIE/GIEH and PEIE/GIEL
bits of the INTCON register.
5.
If 9-bit reception is desired, set the RX9 bit.
6.
Set the DTRXP if inverted receive polarity is
desired.
7.
Enable reception by setting the CREN bit.
8.
The RCxIF interrupt flag bit will be set when a
character is transferred from the RSR to the
receive buffer. An interrupt will be generated if
the RCxIE interrupt enable bit was also set.
9.
Read the RCSTAx register to get the error flags
and, if 9-bit data reception is enabled, the ninth
data bit.
10. Get the received 8 Least Significant data bits
from the receive buffer by reading the RCREGx
register.
11. If an overrun occurred, clear the OERR flag by
clearing the CREN receiver enable bit.
16.1.2.10
9-bit Address Detection Mode Set-up
This mode would typically be used in RS-485 systems.
To set up an Asynchronous Reception with Address
Detect Enable:
1.
Initialize the SPBRGHx, SPBRGx register pair
and the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 16.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Enable the serial port by setting the SPEN bit.
The SYNC bit must be clear for asynchronous
operation.
4.
If interrupts are desired, set the RCxIE interrupt
enable bit and set the GIE/GIEH and PEIE/GIEL
bits of the INTCON register.
5.
Enable 9-bit reception by setting the RX9 bit.
6.
Enable address detection by setting the ADDEN
bit.
7.
Set the DTRXP if inverted receive polarity is
desired.
8.
Enable reception by setting the CREN bit.
9.
The RCxIF interrupt flag bit will be set when a
character with the ninth bit set is transferred
from the RSR to the receive buffer. An interrupt
will be generated if the RCxIE interrupt enable
bit was also set.
10. Read the RCSTAx register to get the error flags.
The ninth data bit will always be set.
11. Get the received 8 Least Significant data bits
from the receive buffer by reading the RCREGx
register. Software determines if this is the
device’s address.
12. If an overrun occurred, clear the OERR flag by
clearing the CREN receiver enable bit.
13. If the device has been addressed, clear the
ADDEN bit to allow all received data into the
receive buffer and generate interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com