Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 320 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 320 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 316Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 317Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 318Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 319Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 320Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 321Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 322Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 323Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 320
Preliminary
 2010 Microchip Technology Inc.
19.3
Calibrating the CTMU Module
The
CTMU
requires
calibration
for
precise
measurements of capacitance and time, as well as for
accurate time delay. If the application only requires
measurement of a relative change in capacitance or
time, calibration is usually not necessary. An example of
this type of application would include a capacitive touch
switch, in which the touch circuit has a baseline
capacitance, and the added capacitance of the human
body changes the overall capacitance of a circuit.
If actual capacitance or time measurement is required,
two hardware calibrations must take place: the current
source needs calibration to set it to a precise current,
and the circuit being measured needs calibration to
measure and/or nullify all other capacitance other than
that to be measured.
19.3.1
CURRENT SOURCE CALIBRATION
The current source on board the CTMU module has a
range of ±60% nominal for each of three current
ranges. Therefore, for precise measurements, it is
possible to measure and adjust this current source by
placing a high precision resistor, RCAL, onto an unused
analog channel. An example circuit is shown in
Figure 19-2. The current source measurement is
performed using the following steps:
1.
Initialize the A/D Converter.
2.
Initialize the CTMU.
3.
Enable the current source by setting EDG1STAT
(CTMUCONL<0>).
4.
Issue settling time delay.
5.
Perform A/D conversion.
6.
Calculate the current source current using
I=V/RCAL, where RCAL is a high precision
resistance and V is measured by performing an
A/D conversion.
The CTMU current source may be trimmed with the
trim bits in CTMUICON using an iterative process to get
an exact desired current. Alternatively, the nominal
value without adjustment may be used; it may be
stored by the software for use in all subsequent
capacitive or time measurements.
To calculate the value for RCAL, the nominal current
must be chosen, and then the resistance can be
calculated. For example, if the A/D Converter reference
voltage is 3.3V, use 70% of full scale, or 2.31V as the
desired approximate voltage to be read by the A/D
Converter. If the range of the CTMU current source is
selected to be 0.55
A, the resistor value needed is cal-
culated as RCAL = 2.31V/0.55
A, for a value of 4.2 MΩ.
Similarly, if the current source is chosen to be 5.5
A,
RCAL would be 420,000Ω, and 42,000Ω if the current
source is set to 55
A.
FIGURE 19-2:
CTMU CURRENT SOURCE
CALIBRATION CIRCUIT
A value of 70% of full-scale voltage is chosen to make
sure that the A/D Converter was in a range that is well
above the noise floor. Keep in mind that if an exact cur-
rent is chosen, that is to incorporate the trimming bits
from CTMUICON, the resistor value of RCAL may need
to be adjusted accordingly. RCAL may also be adjusted
to allow for available resistor values. RCAL should be of
the highest precision available, keeping in mind the
amount of precision needed for the circuit that the
CTMU will be used to measure. A recommended
minimum would be 0.1% tolerance.
The following examples show one typical method for
performing a CTMU current calibration. Example 19-1
demonstrates how to initialize the A/D Converter and
the CTMU; this routine is typical for applications using
both modules. Example 19-2 demonstrates one
method for the actual calibration routine.
PIC18(L)FXXK22 Device
A/D Converter
CTMU
ANx
RCAL
Current Source
MUX
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com