Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 329 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 329 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 325Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 326Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 327Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 328Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 329Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 330Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 331Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 332Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 329
PIC18(L)F2X/4XK22
19.9
Effects of a Reset on CTMU
Upon Reset, all registers of the CTMU are cleared. This
leaves the CTMU module disabled, its current source is
turned off and all configuration options return to their
default settings. The module needs to be re-initialized
following any Reset.
If the CTMU is in the process of taking a measurement at
the time of Reset, the measurement will be lost. A partial
charge may exist on the circuit that was being measured,
and should be properly discharged before the CTMU
makes subsequent attempts to make a measurement.
The circuit is discharged by setting and then clearing the
IDISSEN bit (CTMUCONH<1>) while the A/D Converter
is connected to the appropriate channel.
19.10 Registers
There are three control registers for the CTMU:
• CTMUCONH
• CTMUCONL
• CTMUICON
The
CTMUCONH
and
CTMUCONL
registers
(Register 19-1 and Register 19-2) contain control bits
for configuring the CTMU module edge source selec-
tion, edge source polarity selection, edge sequencing,
A/D trigger, analog circuit capacitor discharge and
enables. The CTMUICON register (Register 19-3) has
bits for selecting the current source range and current
source trim.
REGISTER 19-1:
CTMUCONH: CTMU CONTROL REGISTER 0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN
IDISSEN
CTTRIG
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CTMUEN: CTMU Enable bit
1 = Module is enabled
0 = Module is disabled
bit 6
Unimplemented: Read as ‘0’
bit 5
CTMUSIDL: Stop in Idle Mode bit
1 = Discontinue module operation when device enters Idle mode
0 = Continue module operation in Idle mode
bit 4
TGEN: Time Generation Enable bit
1 = Enables edge delay generation
0 = Disables edge delay generation
bit 3
EDGEN: Edge Enable bit
1 = Edges are not blocked
0 = Edges are blocked
bit 2
EDGSEQEN: Edge Sequence Enable bit
1 = Edge 1 event must occur before Edge 2 event can occur
0 = No edge sequence is needed
bit 1
IDISSEN: Analog Current Source Control bit
1 = Analog current source output is grounded
0 = Analog current source output is not grounded
bit 0
CTTRIG: CTMU Special Event Trigger Control Bit
1 = CTMU Special Event Trigger is enabled
0 = CTMU Special Event Trigger is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com