Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 344 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 344 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 340Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 341Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 342Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 343Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 344Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 345Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 346Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 347Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 348Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 344
Preliminary
 2010 Microchip Technology Inc.
The module is enabled by setting the HLVDEN bit
(HLVDCON<4>). Each time the HLVD module is
enabled, the circuitry requires some time to stabilize.
The IRVST bit (HLVDCON<5>) is a read-only bit used
to indicate when the circuit is stable. The module can
only generate an interrupt after the circuit is stable and
IRVST is set.
The VDIRMAG bit (HLVDCON<7>) determines the
overall operation of the module. When VDIRMAG is
cleared, the module monitors for drops in VDD below a
predetermined set point. When the bit is set, the
module monitors for rises in VDD above the set point.
23.1
Operation
When the HLVD module is enabled, a comparator uses
an internally generated reference voltage as the set
point. The set point is compared with the trip point,
where each node in the resistor divider represents a
trip point voltage. The “trip point” voltage is the voltage
level at which the device detects a high or low-voltage
event, depending on the configuration of the module.
When the supply voltage is equal to the trip point, the
voltage tapped off of the resistor array is equal to the
internal reference voltage generated by the voltage
reference module. The comparator then generates an
interrupt signal by setting the HLVDIF bit.
The trip point voltage is software programmable to any of
16 values. The trip point is selected by programming the
HLVDL<3:0> bits (HLVDCON<3:0>).
The HLVD module has an additional feature that allows
the user to supply the trip voltage to the module from an
external source. This mode is enabled when bits,
HLVDL<3:0>, are set to ‘1111’. In this state, the
comparator input is multiplexed from the external input
pin, HLVDIN. This gives users the flexibility of configur-
ing the High/Low-Voltage Detect interrupt to occur at
any voltage in the valid operating range.
FIGURE 23-1:
HLVD MODULE BLOCK DIAGRAM (WITH EXTERNAL INPUT)
Set
VDD
HLVDEN
HLVDCON
HLVDL<3:0>
Register
HLVDIN
VDD
Externally Generated
Trip Point
HLVDIF
HLVDEN
BOREN
Internal Voltage
Reference
VDIRMAG
1.024V Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com