Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-I/SP Datasheet(PDF) 350 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 350 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 346Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 347Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 348Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 349Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 350Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 351Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 352Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 353Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 354Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 350
Preliminary
 2010 Microchip Technology Inc.
TABLE 24-1:
CONFIGURATION BITS AND DEVICE IDs
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value
300000h
CONFIG1L
—
—
—
—
—
—
—
—
0000 0000
300001h
CONFIG1H
IESO
FCMEN
PRICLKEN
PLLCFG
FOSC<3:0>
0010 0101
300002h
CONFIG2L
—
—
—
BORV<1:0>
BOREN<1:0>
PWRTEN
0001 1111
300003h
CONFIG2H
—
—
WDPS<3:0>
WDTEN<1:0>
0011 1111
300004h
CONFIG3L
—
—
—
—
—
—
—
—
0000 0000
300005h
CONFIG3H
MCLRE
—
P2BMX
T3CMX
HFOFST
CCP3MX PBADEN CCP2MX
1011 1111
300006h
CONFIG4L
DEBUG
XINST
—
—
—LVP(1)
—
STRVEN
1000 0101
300007h
CONFIG4H
—
—
—
—
—
—
—
—
1111 1111
300008h
CONFIG5L
—
—
—
—CP3(2)
CP2(2)
CP1
CP0
0000 1111
300009h
CONFIG5H
CPD
CPB
—
—
—
—
—
—
1100 0000
30000Ah
CONFIG6L
—
—
—
—WRT3(2)
WRT2(2)
WRT1
WRT0
0000 1111
30000Bh
CONFIG6H
WRTD
WRTB
WRTC(3)
—
—
—
—
—
1110 0000
30000Ch
CONFIG7L
—
—
—
—EBTR3(2) EBTR2(2)
EBTR1
EBTR0
0000 1111
30000Dh
CONFIG7H
—EBTRB
—
—
—
—
—
—
0100 0000
3FFFFEh
DEVID1(4)
DEV<2:0>
REV<4:0>
qqqq qqqq
3FFFFFh
DEVID2(4)
DEV<10:3>
0101 qqqq
Legend:
– = unimplemented, q = value depends on condition. Shaded bits are unimplemented, read as '0'.
Note
1:
Can only be changed when in high voltage programming mode.
2:
Available on PIC18(L)FX5K22 and PIC18(L)FX6K22 devices only.
3:
In user mode, this bit is read-only and cannot be self-programmed.
4:
See Register 24-12 and Register 24-13 for DEVID values. DEVID registers are read-only and cannot be programmed by the
user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com